Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 104Page - STMicroelectronics ST10F296 Datasheet HTML 105Page - STMicroelectronics ST10F296 Datasheet HTML 106Page - STMicroelectronics ST10F296 Datasheet HTML 107Page - STMicroelectronics ST10F296 Datasheet HTML 108Page - STMicroelectronics ST10F296 Datasheet HTML 109Page - STMicroelectronics ST10F296 Datasheet HTML 110Page - STMicroelectronics ST10F296 Datasheet HTML 111Page - STMicroelectronics ST10F296 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Capture/compare (CAPCOM) units
ST10F296E
108/346
Figure 23.
Block diagram of CAPCOM timers T1 and T8
Note:
When an external input signal is connected to the input lines of both T0 and T7, these timers
count the input signal synchronously. Thus, the two timers can be regarded as one timer
whose contents can be compared with 32 capture registers.
When a capture/compare register has been selected for capture mode, the current contents
of the allocated timer are latched (captured) into the capture/compare register in response
to an external event at the port pin which is associated with this register. In addition, a
specific interrupt request for this capture/compare register is generated.
Either a positive, a negative, or both a positive and a negative external signal transition at
the pin can be selected as the triggering event. The contents of all registers which have
been selected for one of the five compare modes are continuously compared with the
contents of the allocated timers.
When a match occurs between the timer value and the value in a capture/compare register,
specific actions are taken based on the selected compare mode (see Table 50).
The input frequencies fTx, for the timer input selector Tx, are determined as a function of the
CPU clocks. The timer input frequencies, resolution and periods which result from the
selected prescaler option in TxI when using a 40 MHz and 64 MHz CPU clock are listed in
Table 51 and Table 52 respectively.
The numbers for the timer periods are based on a reload value of 0000h. Note that some
numbers may be rounded to three significant figures.
X
Txl
CPU
clock
TxR
MUX
GPT2 timer T6
over/underflow
TxM
Reload register TxREL
CAPCOM timer Tx
TxIR
Interrupt
request
x = 1. 8
Table 50.
Compare modes
Compare modes
Function
Mode 0
Interrupt-only compare mode
Several compare interrupts per timer period are possible
Mode 1
Pin toggles on each compare match
Several compare events per timer period are possible
Mode 2
Interrupt-only compare mode
Only one compare interrupt per timer period is generated
Mode 3
Pin set to 1 on match
pin reset to 0 on compare time overflow
Only one compare event per timer period is generated
Double register mode
Two registers operate on one pin
Pin toggles on each compare match
Several compare events per timer period are possible
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com