Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 114Page - STMicroelectronics ST10F296 Datasheet HTML 115Page - STMicroelectronics ST10F296 Datasheet HTML 116Page - STMicroelectronics ST10F296 Datasheet HTML 117Page - STMicroelectronics ST10F296 Datasheet HTML 118Page - STMicroelectronics ST10F296 Datasheet HTML 119Page - STMicroelectronics ST10F296 Datasheet HTML 120Page - STMicroelectronics ST10F296 Datasheet HTML 121Page - STMicroelectronics ST10F296 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
118/346
13
Parallel ports
The ST10F296E MCU provides up to 143 I/O lines with programmable features. The MCU is
therefore very flexible for a wide range of applications.
The ST10F296E has 11 groups of I/O lines organized as follows:
●
Port 0 is a two-time, 8-bit port named P0L (low is the least significant byte) and P0H
(high is the most significant byte)
●
Port 1 is a two-time, 8-bit port named P1L and P1H
●
Port 2 is a 16-bit port
●
Port 3 is a 15-bit port (P3.14 line is not implemented)
●
Port 4 is an 8-bit port
●
Port 5 is a 16-bit input only port
●
Port 6, Port 7 and Port 8 are 8-bit ports
●
XPort 9 is a 16-bit general purpose port
●
XPort 10 is a 16-bit input only port
These ports may be used as general purpose bidirectional input or output, software
controlled with dedicated registers.
For example the output drivers of seven of the ports (2, 3, 4, 6, 7, 8, and 9) can be
configured (bit-wise) for push-pull or open-drain operation using the ODPx registers (and the
XODP9 register for XPort 9).
The input threshold levels are programmable (TTL/CMOS) for all ports. The logic level of a
pin is clocked into the input latch once per state time, regardless of whether the port is
configured for input or output. The threshold is selected with PICON and XPICON registers
control bits.
A write operation to a port pin configured as an input causes the value to be written into the
port output latch, while a read operation returns the latched state of the pin itself. A read-
modify-write operation reads the value of the pin, modifies it, and writes it back to the output
latch.
Writing to a pin configured as an output (DPx.y = 1) causes the output latch and the pin to
have the written value, since the output buffer is enabled. Reading this pin returns the value
of the output latch. A read-modify-write operation reads the value of the output latch,
modifies it, and writes it back to the output latch, thus also modifying the level at the pin.
I/O lines support an alternate function which is detailed in Section 13.1.4, Section 13.2.2,
Section 13.3.2, and Section 13.4.2.
Note:
The I/O ports XPort 9 and XPort10 are not mapped on the SFR space but on the internal
XBus interface. They are enabled by setting the XPEN bit, bit 2, of the SYSCON register and
bit 11 of the XPERCON register. On the XBus interface, the registers are not bit-
addressable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com