Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 127Page - STMicroelectronics ST10F296 Datasheet HTML 128Page - STMicroelectronics ST10F296 Datasheet HTML 129Page - STMicroelectronics ST10F296 Datasheet HTML 130Page - STMicroelectronics ST10F296 Datasheet HTML 131Page - STMicroelectronics ST10F296 Datasheet HTML 132Page - STMicroelectronics ST10F296 Datasheet HTML 133Page - STMicroelectronics ST10F296 Datasheet HTML 134Page - STMicroelectronics ST10F296 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
131/346
DP1L and DP1H registers
13.3.2
Alternate functions of Port 1
When a demultiplexed external bus is enabled, Port 1 is used as an address bus. Note that
demultiplexed bus modes use Port 1 as a 16-bit port. Otherwise all 16 port lines can be used
for general purpose I/O. The upper four pins of Port 1 (P1H.7 to P1H.4) are also capture
input lines for the CAPCOM2 unit (CC27-24 I).
The capture input functions of pins P1H.7 to P1H.4 can be used for external interrupt inputs
with a sample rate of eight CPU clock cycles.
As a side effect, the capture input capability of these lines can also be used in the address
bus mode. Changes of the upper address lines may be detected, thereby triggering an
interrupt request that performs some special service routines. External capture signals can
only be applied if no address output is selected for Port 1.
During external access in demultiplexed bus modes, Port 1 outputs the 16-bit intra-segment
address as an alternate output function.
During external access in multiplexed bus modes, when no BUSCON register selects a de-
multiplexed bus mode, Port 1 is not used and is available for general purpose I/O.
DP1L (F104h/82h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
765
43210
Reserved
DP1L
.7
DP1L
.6
DP1L
.5
DP1L
.4
DP1L
.3
DP1L
.2
DP1L
.1
DP1L
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
DP1H (F106h/83h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
654
3210
Reserved
DP1H
.7
DP1H
.6
DP1H
.5
DP1H
.4
DP1H
.3
DP1H
.2
DP1H
.1
DP1H
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
Table 70.
DP1L and DP1H register description
Bit
Bit name
Function
15-8
-
Reserved
7-0
DP1X.y
Port direction register DP1L or DP1H bit y
0: Port line P1X.y is an input (high impedance)
1: Port line P1X.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com