Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 148Page - STMicroelectronics ST10F296 Datasheet HTML 149Page - STMicroelectronics ST10F296 Datasheet HTML 150Page - STMicroelectronics ST10F296 Datasheet HTML 151Page - STMicroelectronics ST10F296 Datasheet HTML 152Page - STMicroelectronics ST10F296 Datasheet HTML 153Page - STMicroelectronics ST10F296 Datasheet HTML 154Page - STMicroelectronics ST10F296 Datasheet HTML 155Page - STMicroelectronics ST10F296 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
152/346
13.7.3
Port 5 analog inputs disturb protection
A Schmitt trigger protection can be activated on each pin of Port 5 by setting the dedicated
bit of register P5DIDIS. This allows the input leakage effect to be reduced.
P5DIDIS register
13.8
Port 6
Port 6 is an 8-bit port. If it is used for general purpose I/O, the direction of each line can be
configured via the corresponding direction register DP6. Each port line can be switched into
push-pull or open-drain mode via the open-drain control register ODP6. In the ST10F296E,
SSC1 is implemented on pins P6.5, P6.6, and P6.7. When the module is enabled through
the XPERCON register, the corresponding bits P6, DP6 and ODP6 are overwritten by the
new XSSCPORT register (mapped on the XBus). This allows the user to program pins P6.5,
P6.6, and P6.7 according to the SSC1 configuration.
13.8.1
Port 6 registers
P6 register
P5DIDIS (FFA4h/D2h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
P5D
IDIS
.15
P5D
IDIS
.14
P5D
IDIS
.13
P5D
IDIS
.12
P5D
IDIS
.11
P5D
IDIS
.10
P5D
IDIS
.9
P5D
IDIS
.8
P5D
IDIS
.7
P5D
IDIS
.6
P5D
IDIS
.5
P5D
IDIS
.4
P5D
IDIS
.3
P5D
IDIS
.2
P5D
IDIS
.1
P5D
IDIS
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 87.
P5DIDIS register description
Bit
Bit name
Function
15-0
P5DIDIS.y
Port 5 digital disable register bit y
0: Port line P5.y digital input is enabled (Schmitt trigger enabled)
1: Port line P5.y digital input is disabled (Schmitt trigger disabled)
P6 (FFCCh/E6h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
P6.7 P6.6 P6.5 P6.4 P6.3 P6.2 P6.1 P6.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 88.
P6 register description
Bit
Bit name
Function
7-0
P6.y
Port data register P6 bit y
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com