Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 166Page - STMicroelectronics ST10F296 Datasheet HTML 167Page - STMicroelectronics ST10F296 Datasheet HTML 168Page - STMicroelectronics ST10F296 Datasheet HTML 169Page - STMicroelectronics ST10F296 Datasheet HTML 170Page - STMicroelectronics ST10F296 Datasheet HTML 171Page - STMicroelectronics ST10F296 Datasheet HTML 172Page - STMicroelectronics ST10F296 Datasheet HTML 173Page - STMicroelectronics ST10F296 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
170/346
XP9CLR register
XDP9 register
XDP9SET register
XP9CLR (EB84h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP9
CLR
.15
XP9
CLR
.14
XP9
CLR
.13
XP9
CLR
.12
XP9
CLR
.11
XP9
CLR
.10
XP9
CLR
.9
XP9
CLR
.8
XP9
CLR
.7
XP9
CLR
.6
XP9
CLR
.5
XP9
CLR
.4
XP9
CLR
.3
XP9
CLR
.2
XP9
CLR
.1
XP9
CLR
.0
WWWWW
WWW
W
WWWWW
WW
Table 104.
XP9CLR register description
Bit
Bit name
Function
15-0
XP9CLR.y
Writing a 1 clears the corresponding bit of the XP9.y register. Writing a 0
has no effect.
XDP9 (EB86h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XDP
9.15
XDP
9.14
XDP
9.13
XDP
9.12
XDP
9.11
XDP
9.10
XDP
9.9
XDP
9.8
XDP
9.7
XDP
9.6
XDP
9.5
XDP
9.4
XDP
9.3
XDP
9.2
XDP
9.1
XDP
9.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 105.
XDP9 register description
Bit
Bit name
Function
15-0
XDP9.y
Port direction register XDP9 bit y
0: Port line XP9.y is an input (high impedance)
1: Port line XP9.y is an output
XDP9SET (EB88h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XDP
9SE
T.15
XDP
9SE
T.14
XDP
9SE
T.13
XDP
9SE
T.12
XDP
9SE
T.11
XDP
9SE
T.10
XDP
9SE
T.9
XDP
9SE
T.8
XDP
9SE
T.7
XDP
9SE
T.6
XDP
9SE
T.5
XDP
9SE
T.4
XDP
9SE
T.3
XDP
9SE
T.2
XDP
9SE
T.1
XDP
9SE
T.0
WWWWW
WWW
W
WWWWW
WW
Table 106.
XDP9SET register description
Bit
Bit name
Function
15-0
XDP9SET.y
Writing a 1 sets the corresponding bit of the XDP9.y register. Writing a 0
has no effect.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com