Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 215Page - STMicroelectronics ST10F296 Datasheet HTML 216Page - STMicroelectronics ST10F296 Datasheet HTML 217Page - STMicroelectronics ST10F296 Datasheet HTML 218Page - STMicroelectronics ST10F296 Datasheet HTML 219Page - STMicroelectronics ST10F296 Datasheet HTML 220Page - STMicroelectronics ST10F296 Datasheet HTML 221Page - STMicroelectronics ST10F296 Datasheet HTML 222Page - STMicroelectronics ST10F296 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
219/346
20.2.3
Exit from asynchronous reset state
When the RSTIN pin is pulled high, the device restarts. If the internal Flash is used,
restarting occurs after the embedded Flash initialization routine is completed. The system
configuration is latched from Port 0. ALE, RD and WR/WRL pins are driven to their inactive
level. The ST10F296E starts program execution from memory location 00'0000h in code
segment 0. This starting location typically points to the general initialization routine. Timing
of asynchronous hardware reset sequences are summarized in Figure 77 and Figure 78.
Figure 77.
Asynchronous hardware reset (EA = 1)
1.
Longer than Port 0 settling time + PLL synchronization (if needed, that is P0(15:13) changed) Longer than 500 ns to take
account of input filter on RSTIN pin.
RSTF
P0[15:13]
P0[12:2]
Transparent
Transparent
Not t.
P0[1:0]
Not t.
Not transparent
FLARST
≤2 TCL
RST
≤1 ms
Latching point of Port 0 for
system start-up configuration
RPD
IBUS-CS
(1)
Not transparent
Not transparent
(after filter)
RSTIN
≤500 ns
≥ 50 ns
≤500 ns
≥ 50 ns
7 TCL
(internal)
3..4 TCL
Not t.
Not t.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com