Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 226Page - STMicroelectronics ST10F296 Datasheet HTML 227Page - STMicroelectronics ST10F296 Datasheet HTML 228Page - STMicroelectronics ST10F296 Datasheet HTML 229Page - STMicroelectronics ST10F296 Datasheet HTML 230Page - STMicroelectronics ST10F296 Datasheet HTML 231Page - STMicroelectronics ST10F296 Datasheet HTML 232Page - STMicroelectronics ST10F296 Datasheet HTML 233Page - STMicroelectronics ST10F296 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
230/346
20.6.1
WDTCON flags
When a bidirectional reset is enabled, a short reset may degenerate into a long reset due to
the presence of the internal filter on the RSTIN pin (see Section 20.3.1: Short and long
synchronous reset on page 221). When the RSTIN pin is released, the internal signal after
the filter (see RSTF in Figure 75 to Figure 78) is delayed, so RSTIN remains active (low) for
a while. Consequently, a short reset may be recognized as a long reset, depending on the
internal clock speed.
When either a software or watchdog bidirectional reset event occurs, the RSTIN pin is
released (at the end of the internal reset sequence), the RSTF internal signal (after the filter)
remains low for a while, and RSTIN is recognized as high or low. Eight TCL after completion
of the internal sequence, the level of the RSTF signal is sampled. If it is recognized as low, a
hardware reset sequence starts, the WDTCON register flags this event, and masks the
previous one (software or watchdog reset). Typically, a short hardware reset is recognized,
unless the RSTIN pin (and consequently the internal RSTF signal) is held sufficiently low by
the external hardware to inject a long hardware reset. The initialization routine is then
unable to recognize a software or watchdog bidirectional reset event, since a different
source is flagged inside the WDTCON register. This phenomenon does not occur when
internal Flash is selected during reset (EA = 1), since the initialization of the Flash itself
extends the internal reset duration beyond the filter delay.
Figure 85, Figure 86, and Figure 87 show the timing for software and watchdog timer
bidirectional reset events. Figure 87 shows the degeneration into a hardware reset.
Figure 85.
Software/watchdog timer bidirectional reset (EA = 1)
P0[15:13]
Not transparent
RSTF
P0[12:8]
Transparent
Not t.
P0[1:0]
Not t.
Not transparent
RST
1024 TCL
RSTOUT
(after filter)
RSTIN
≤500 ns
≥ 50 ns
≤500 ns
≥ 50 ns
IBUS-CS
7 TCL
FLARST
≤1 ms
≤2 TCL
(internal)
P0[7:2]
Not transparent
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com