Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 278 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 278 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 274Page - STMicroelectronics ST10F296 Datasheet HTML 275Page - STMicroelectronics ST10F296 Datasheet HTML 276Page - STMicroelectronics ST10F296 Datasheet HTML 277Page - STMicroelectronics ST10F296 Datasheet HTML 278Page - STMicroelectronics ST10F296 Datasheet HTML 279Page - STMicroelectronics ST10F296 Datasheet HTML 280Page - STMicroelectronics ST10F296 Datasheet HTML 281Page - STMicroelectronics ST10F296 Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
278/346
23.9
Identification registers
The ST10F296E has four identification registers, mapped in the ESFR space. These
registers contain:
●
A manufacturer identifier
●
A chip identifier with its revision
●
A internal Flash and size identifier
●
Programming voltage description
IDMANUF register
IDCHIP register
IDMANUF (F07Eh/3Fh)
ESFR
Reset value: 0403h
15
14
13
12
11
10
987
65432
10
MANUF
0
1
R
Table 146.
IDMANUF register description
Bit
Bit name
Function
15-5
MANUF
Manufacturer identifier
020h: STMicroelectronics manufacturer (JTAG worldwide
normalization).
IDCHIP (F07Ch/3Eh)
ESFR
Reset value: 128Xh
15
14
13
12
11
10
987
65432
10
PCONF
IDCHIP
REVID
RR
R
Table 147.
IDCHIP register description
Bit
Bit name
Function
15-14
PCONF
Peripheral configuration
00: (E) Enhanced (ST10F296E)
01: (B) Basic
10: (D) Dedicated
11: Reserved
13 - 4
IDCHIP
Device identifier
128h: ST10F296E identifier (128h = 296)
3-0
REVID
Device revision identifier
Xh: According to revision number
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com