Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 287 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 287 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 283Page - STMicroelectronics ST10F296 Datasheet HTML 284Page - STMicroelectronics ST10F296 Datasheet HTML 285Page - STMicroelectronics ST10F296 Datasheet HTML 286Page - STMicroelectronics ST10F296 Datasheet HTML 287Page - STMicroelectronics ST10F296 Datasheet HTML 288Page - STMicroelectronics ST10F296 Datasheet HTML 289Page - STMicroelectronics ST10F296 Datasheet HTML 290Page - STMicroelectronics ST10F296 Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
287/346
XP3IC register
This register has the same bit field as the xxIC interrupt register (see below).
xxIC register
XP3IC (F19Eh/CFh)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
XP3IR XP3IE
XP3ILVL
GLVL
--
--
--
--
RW
RW
RW
RW
xxIC (yyyyh/zzh)
SFR area
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
xxIR xxIE
ILVL
GLVL
---
--
-
-
-
RW
RW
RW
RW
Table 156.
xxIC register description
Bit
Bit name
Function
7
xxIR
Interrupt request flag
0: No request pending
1: This source has raised an interrupt request
6
xxIE
Interrupt enable control bit (individually enables/disables a specific
source)
0: Interrupt request is disabled
1: Interrupt request is enabled
5-2
ILVL
Interrupt priority level
Defines the priority level for the arbitration of requests.
Fh: Highest priority level
0h: Lowest priority level
1-0
GLVL
Group level
Defines the internal order for simultaneous requests of the same priority.
3: Highest group priority
0: Lowest group priority
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com