Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 308 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 308 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 304Page - STMicroelectronics ST10F296 Datasheet HTML 305Page - STMicroelectronics ST10F296 Datasheet HTML 306Page - STMicroelectronics ST10F296 Datasheet HTML 307Page - STMicroelectronics ST10F296 Datasheet HTML 308Page - STMicroelectronics ST10F296 Datasheet HTML 309Page - STMicroelectronics ST10F296 Datasheet HTML 310Page - STMicroelectronics ST10F296 Datasheet HTML 311Page - STMicroelectronics ST10F296 Datasheet HTML 312Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
308/346
First transient period
This is a quick charge transfer from the internal capacitances, CP1 and CP2, to the sampling
capacitance, CS (initially CS is supposed to be completely discharged). Considering the
worst case scenario (since the time constant in reality is faster) in which CP2 is in parallel to
CP1 (call CP = CP1 + CP2), the two capacitances, CP and CS, are in series and the time
constant is:
Equation 26
Equation 26 can be simplified if only CS is considered as an additional worst condition. In
reality, the transient is faster, but the ADC circuitry has been designed to be robust in the
worst case situations. The sampling time, TS, is always much longer than the internal time
constant as in Equation 27.
Equation 27
The charge of CP1 and CP2 is also redistributed on CS, which determines a new value for the
VA1 voltage on the capacitance according to Equation 28.
Equation 28
Second transient period
A second charge transfer also involves CF (that is typically greater than the on-chip
capacitance) through the resistance RL. Consideringagain the worst case scenario in which
CP2 and CS are in parallel to CP1 (since the time constant in reality is faster), the time
constant is:
Equation 29
In Equation 29, the time constant depends on the external circuit. In particular, if the
transient is completed well before the end of the sampling time, TS, a constraint on RL sizing
is obtained, as shown in Equation 30.
Equation 30
RL must also be sized, according to the current limitation constraints, in combination with RS
(source impedance) and RF (filter resistance). As CF is greater than CP1, CP2 and CS, the
final voltage, VA2 (at the end of the charge transfer transient), is much higher than VA1.
Equation 31 (the charge balance) must be respected assuming that CS is already charged
at VA1.
Equation 31
τ
1
R
SW
R
AD
+
()
C
P
C
S
×
C
P
C
S
+
⁄
()
×
=
τ
1
R
SW
R
AD
+
() C
S
×
T
S
«
<
V
A1
C
S
C
P1
C
P2
++
()
×
V
A
C
P1
C
P2
+
()
×
=
τ
2
R
L
C
S
C
P1
C
P2
++
()
×
<
10
τ
2
×
10
R
L
×
C
S
C
P1
C
P2
++
() T
S
≤
×
=
V
A2
C
S
C
P1
C
P2
C
F
++
+
()
×
V
A
C
F
×
V
A1
C
P1
C
P2
C
S
++
()
×
+
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com