Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 316 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 316 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 312Page - STMicroelectronics ST10F296 Datasheet HTML 313Page - STMicroelectronics ST10F296 Datasheet HTML 314Page - STMicroelectronics ST10F296 Datasheet HTML 315Page - STMicroelectronics ST10F296 Datasheet HTML 316Page - STMicroelectronics ST10F296 Datasheet HTML 317Page - STMicroelectronics ST10F296 Datasheet HTML 318Page - STMicroelectronics ST10F296 Datasheet HTML 319Page - STMicroelectronics ST10F296 Datasheet HTML 320Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
316/346
24.8.8
Voltage controlled oscillator
The ST10F296E implements a PLL which combines different levels of frequency dividers
with a voltage controlled oscillator (VCO) working as a frequency multiplier. Table 169
presents a summary of the internal PLL settings and VCO frequencies.
The PLL input frequency range is limited to 1 to 3.5 MHz, while the VCO oscillation range is
64 to 128 MHz. The CPU clock frequency range when PLL is used is 16 to 64 MHz.
Example 1
–FXTAL = 4 MHz
–
P0(15:13) = 110 (multiplication by 3)
–
PLL input frequency = 1 MHz
–
VCO frequency = 48 MHz => Not valid
–
PLL output frequency = Not Valid
–FCPU = Not Valid
Example 2
–FXTAL = 8 MHz
–
P0(15:13) = 100 (multiplication by 5)
–
PLL input frequency = 2 MHz
–
VCO frequency = 80 MHz
–
PLL output frequency = 40 MHz (VCO frequency divided by 2)
–FCPU = 40 MHz (no effect of output prescaler)
Table 169.
Internal PLL divider mechanism
P0.15-13
(P0H.7-5)
XTAL frequency
Input
prescaler
PLL
Output
prescaler
CPU frequency
fCPU = fXTAL x F
Multiply by Divide by
1
114 to 8 MHz
FXTAL/4
64
4
-
FXTAL x 4
1
1
0
5.3 to 10.6 MHz
FXTAL/4
48
4
-
FXTAL x 3
1
014 to 8 MHz
FXTAL/4
64
2
-
FXTAL x 8
1
0
0
6.4 to 12 MHz
FXTAL/4
40
2
-
FXTAL x 5
0
1
1
1 to 64 MHz
–
PLL bypassed
-
FXTAL x 1
0
1
0
4 to 6.4 MHz
FXTAL/2
40
2
-
FXTAL x 10
0
0
1
4 to 12 MHz
–
PLL bypassed
FPLL/2
FXTAL/2
0
004 MHz
FXTAL/2
64
2
–
FXTAL x 16
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com