Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 14Page - Zilog, Inc. Z8FS021 Datasheet HTML 15Page - Zilog, Inc. Z8FS021 Datasheet HTML 16Page - Zilog, Inc. Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
PS028806-0315
Flash Memory Map
ZMOTION® Intrusion Detection
Product Specification
10
Flash Memory Map
The Z8FS021 MCU is based on Zilog’s Z8F082A device, which contains a total of 8KB
Flash memory. Zilog’s PIR technology is located in the 6KB address range
0800h–1FFFh
, a code space that is locked and cannot be erased by the user or by the
Zilog Debug Interface (ZDI) mass erase or page erase commands. The remaining 2 KB of
this Flash memory space, in the address range 0000h–07FFh, is available for user appli-
cation code.
The Z8FS021 MCU is not preprogammed with application code. A generic version of the
ZMOTION Intrusion Detection source code (RD0001-SC01) can be downloaded from
zilog.com and programmed into the MCU.
A memory map of the Z8FS021 MCU’s Flash code space is illustrated in Figure 5.
Figure 5. Z8FS040 MCU Program Memory Map
Note:
Reserved for
PIR Engine
User Application
Code Space
(1986 bytes)
1FFFh
0800h
07FFh
003Eh
0000h
003Dh
Interrupt Vectors
and Option Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com