Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
39
Table 19. PIR Advanced Status/Control Register 2
(ePIR_ASC2)
Bit
76543210
Field
Lock Level
Window Size
Window Update Rate
Control
R/W
R/W
R/W
Address
F2H
Lock Level (Bits 7–5)
Controlled by the application.
• This parameter sets the minimum slope change in the signal that can be considered validmotion. This
prevents small signal changes caused by environmental or VCC shifts from causing a false detection.
Use this value in combination with PIR Sensitivity and Range Control settings to balance sensitivity
and stability to the particular lens and pyroelectric sensor being used.
– Smaller values allow subtle signals with lower slopes to be considered motion events at the
expense of potential false motion events.
– Larger values allow thesystem to ignore smaller signal slope changes at the expense of potentially
missing smaller motion events.
Window Size (Bits 4–3)
Controlled by the application.
• This register determines the size of the control limit window. A larger window size produces more
stable control limits at the cost of additional CPU usage. If a smaller window size is used, the more
frequently the window can be calculated which allows it to track the signal better.
00 = Reserved.
01 = Small window.
02 = Medium window.
03 = Large window.
Window Update Rate (Bits 2–0)
Controlled by the application.
• This register determines how frequently the control limits are calculated. It is measured in PIR
samples. A smaller number produces more frequent calculations which allow the control limits to track
the signal better, at the cost of increased CPU usage. The valid range is 0 to 7.
• The window is updated every 4 + (Window Update Rate * 2) PIR samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com