Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Z8FS021 Datasheet HTML 39Page - Zilog, Inc. Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
34
Table 14. PIR ADC Result Value
(ePIR_ADC_Result)
Bit
15
14
13
12
11
10
9876543210
Field
ADC Result Value
Control
Read
Address
10AH
10BH
PIR ADC Result Value (Bits 0–15)
ADC Scan Request Result Value
Controlled by PIR Engine
The PIR ADC Result Value contains the result of the last application requested ADC conversion.
The data format is identical to that discussed in the Z8 Encore! XP Product Specification (PS0228) for
registers ADCD_H and ADCD_L.
Example for requesting an ANA0 Conversion:
• Set bit 0 (ANA0 Scan Request) in PIR Status/Control Register 3 (ePIR_SC3).
• Wait until the ANA0 Scan Request bit is cleared by the Engine.
• Read the ADC conversion result from the PIR ADC Result Value register.
Note: Even though the ADC Result Value is a 16 bitregister, atomic operations are not required since the value is only
updated at the request of the application.
Table 15. PIR Version
(ePIR_Version)
Bit
76543210
Field
Version
Control
Read
Address
10CH
Version (Bits 0–7)
PIR Engine software version; controlled by the PIR Engine.
• The value stored in this register indicates the software version of the PIR Engine.
Value
PIR Engine Software Version
11h
2.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com