Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Z8FS021 Datasheet HTML 52Page - Zilog, Inc. Z8FS021 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
41
Table 22. PIR Debounce Timeout Register
(ePIR_Debounce)
Bit
76543210
Field
PIR Debounce Time
Control
Read/Write
Address
F6H
PIR Debounce Time (Bits 7–0)
Controlled by the application.
• This register controls the amount of time that the Engine will wait to fully debounce a motion signal.
Longer times result in detection of subtle motion at the cost of more potential false motion detections.
Valid range is from 01h to FFh.
• Using a value less than the value in the PIR Sensitivity Register will result in no motion detection.
Table 23. PIR Debounce Batch Size Register
(ePIR_Debounce_Batch)
Bit
76543210
Field
PIR Debounce Batch Size
Control
Read/Write
Address
F7H
PIR Debounce Batch Size (Bits 7–0)
Controlled by the application.
• This register determines the number of consecutive out-of-window samples required in order to
consider the sequence a valid debounce count. The field works as a mask. Increasing the mask size
(i.e. more bits set to 1) will increase the noise immunity of the Engine but result in lower sensitivity to
subtle motion signals.
• Valid values are 01h, 03h, 07h, 0Fh, 1Fh, 3Fh, 7Fh and FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com