Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Z8FS021 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
PS028806-0315
Peripherals
ZMOTION® Intrusion Detection
Product Specification
13
The remainder of this section further describes the differences in application availability
between the 8-pin, 20-pin and 28-pin peripheral sets.
Analog to Digital Signal Conversion
Zilog’s PIR technology requires exclusive access to the ADC peripheral to detect motion.
However, ADC conversions can be requested by the application via the API (PIR Status/
Control Register 3). If it is necessary for the user application to utilize the ADC peripheral
directly, the PIR Engine must first be disabled via the PIR Engine Enable Register in the
API. Motion detection is not possible while the PIR Engine is disabled. When the user
application is finished with the ADC peripheral, it must reenable the PIR Engine.
8-Pin Device.
PA3 (ANA2) is reserved as the analog ADC input from the pyroelectric
sensor. Therefore, ANA2 is not available for user applications. Additionally, ANA3 is
used for a second sensor input in Dual Pyro Mode. All other channels are available to the
user application.
20-Pin Device.
PB2 (ANA2) is reserved as the analog ADC input from the pyroelectric
sensor. Therefore, ANA2 is not available for user applications. Additionally, ANA3 and
ANA6 are not available because PB3 (ANA3) must be tied directly to PC2 (ANA6/
VREF). PC2 is configured as VREF output by the PIR Engine. In Dual Pyro Mode, ANA3
is used for a second sensor input rather than being tied to VREF; ANA6/VREF therefore
becomes available. All other channels are available to the user application.
Low Power Op Amp
Not Available
Not Available
Not Available
Comparator
Available to application.
Available to application.
Available to application.
UART
Available to application –
No CTS.
Available to application.
Available to application.
Temperature Sensor
Not available.
Not available.
Not available.
LED Drive
—
Available to application.
Available to application.
WDT
Available to application.
Available to application.
Available to application.
ADC Channel
Available to Application
0Yes
1
Yes – used for White Light detection
2No
3
Only in Single Pyro Mode
Table 3. Peripheral Availability (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com