Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 22 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 18Page - Zilog, Inc. Z8FS021 Datasheet HTML 19Page - Zilog, Inc. Z8FS021 Datasheet HTML 20Page - Zilog, Inc. Z8FS021 Datasheet HTML 21Page - Zilog, Inc. Z8FS021 Datasheet HTML 22Page - Zilog, Inc. Z8FS021 Datasheet HTML 23Page - Zilog, Inc. Z8FS021 Datasheet HTML 24Page - Zilog, Inc. Z8FS021 Datasheet HTML 25Page - Zilog, Inc. Z8FS021 Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
PS028806-0315
Peripherals
ZMOTION® Intrusion Detection
Product Specification
14
28-Pin Device.
PB2 (ANA2) is reserved as the analog ADC input from the pyroelectric
sensor. Therefore, ANA2 is not available for user applications. Also, ANA3 is not avail-
able because it is tied directly to PB5/VREF. PB5 will be configured as VREF output by the
PIR Engine. In Dual Pyro Mode, ANA3 is used for a second sensor input rather than being
tied to VREF; PB5 therefore becomes available. All other channels are available to the user
application.
Timers
The Z8FS021 MCU offers two independent and identical 16-bit multi-function timers,
Timer 0 and Timer 1; both are available to the user application.
ADC Channel
Available to Application
0Yes
1
Yes – used for White Light detection
2No
3No
4Yes
5Yes
6
Only in Dual Pyro Mode
ADC Channel
Available to Application
0Yes
1
Yes – used for White Light detection
2No
3No
4Yes
5Yes
6Yes
7Yes
Timer 0
8-Pin Device
T0OUT is not available in Dual Pyro Mode; it is
configured as ANA3 to support a second sensor
input. All other external Timer 0 functions are
available for the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com