Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Z8FS021 Datasheet HTML 31Page - Zilog, Inc. Z8FS021 Datasheet HTML 32Page - Zilog, Inc. Z8FS021 Datasheet HTML 33Page - Zilog, Inc. Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
25
Table 7. PIR Sensitivity Register
(ePIR_Sensitivity)
Bit
76543210
Field
Sensitivity
Default
UUUUUUUU
Control
Read/Write
Address
101H
Sensitivity (Bits 7)
PIR Sensitivity Setting; controlled by the application. The PIR Sensitivity Register is used to adjust the
sensitivity of the PIR Engine to target motion. Lower values produce higher sensitivity to motion, with 00h
being the most sensitive and FFh being the least sensitive. The user application should load this register
with the appropriate value to provide the appropriate sensitivity. This parameter acts as a motion signal
duration check. A smaller sensitivity value means that the duration of a valid motion signal can be shorter.
A larger sensitivity value means a valid motion signal’s duration must be longer.
Notes:
1. The setting of this register also affects the range of detection. Lower values increase range and higher values
decrease range.
2. Depending on the lens and pyroelectric sensor used, values above 3Fh can result in very limited detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com