Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 27Page - Zilog, Inc. Z8FS021 Datasheet HTML 28Page - Zilog, Inc. Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Z8FS021 Datasheet HTML 31Page - Zilog, Inc. Z8FS021 Datasheet HTML 32Page - Zilog, Inc. Z8FS021 Datasheet HTML 33Page - Zilog, Inc. Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
23
Standard API Register Set
The Standard API Register set, shown in Table 4, is a series of registers implemented in
the Z8FS040 MCU RAM that allows the user code to configure and communicate with the
PIR Engine. The default values are loaded only when the PIR Engine is enabled via the
PIR Enable Register.
Table 4. PIR Engine Standard API Registers
API Register Name
Address
Mnemonic
Description
PIR Engine Enable Register
(ePIR_Enable)
100h
ePIR_Enable
Enable PIR Engine.
PIR Sensitivity Register
(ePIR_Sensitivity)
101h
ePIR_Sensitivity
Motion Sensitivity.
PIR Status/Control Register 0
(ePIR_SC0)
102h
ePIR_SC0
Motion Status and Engine
Mode Control.
PIR Status/Control Register 1
(ePIR_SC1)
103h
ePIR_SC1
Engine Status and Control.
PIR Status/Control Register 2
(ePIR_SC2)
104h
ePIR_SC2
Range Control.
PIR Status/Control Register 3
(ePIR_SC3), 28-pin SSOP
105h
ePIR_SC3
ADC Scan Request.
PIR ADC Result Value
(ePIR_ADC_Result)
10Ah/10Bh
ePIR_ADC_Result ADC Scan Result.
PIR Version (ePIR_Version)
10Ch
ePIR_Version
PIR Engine Software Version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com