Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Z8FS021 Datasheet HTML 37Page - Zilog, Inc. Z8FS021 Datasheet HTML 38Page - Zilog, Inc. Z8FS021 Datasheet HTML 39Page - Zilog, Inc. Z8FS021 Datasheet HTML 40Page - Zilog, Inc. Z8FS021 Datasheet HTML 41Page - Zilog, Inc. Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
31
Dual Pyro Mode (Bit 0)
Dual Pyroelectric Sensor Signaling Mode; controlled by the application.
• This bit determines if the PIR Engine should accept signals from one or two pyroelectric sensors.
• When configured for single pyro operation, only one sensor is used (connected to ANA2). When
configured for dual pyrooperation, the Engine willscan two sensors simultaneously. Dual pyro mode
is typically used to provide a larger area of coverage. The second pyroelectric sensor is connected to
input ANA3. In Dual Pyro Mode, motion on either sensor will generate a motion detected event.
0 = Single pyroelectric sensor mode.
1 = Dual pyroelectric sensor mode.
Table 10. PIR Status/Control Register 2
(ePIR_SC2)
Bit
76543210
Field
White Light Threshold
Range Control
Control
Read/Write
Read/Write
Address
104H
Bits 7–3 reserved
White Light Detection Threshold*
Controlled by application
• These bits determine how sensitive the White light detector is to changes in detected white light. Larger
values cause the white light detector to be less sensitive. A value of 00000 disables White Light
Detection. The light is sensed via the LED connected to the ANA1 pin. Light shining on the LED creates
a small current that can generate enough voltage on the pin to measure changes accurately. The PIR
Engine automatically configures the ADC to single-ended buffered mode and performs the necessary
conversions and processing. See theWhite Light Detection section on page 19 for adescription of White
Light operation.
Note: *This register is ignored in Low Power Mode; White Light Detection is disabled by Lower Power Mode.
Range Control (Bits 2–0)
Motion Detection Range Control; controlled by the application.
• These bits determine the relative range of motion detection; larger values decrease the range of
detection. This parameter acts as a motion signal amplitude check. A smaller range value means that a
valid motion signal’s amplitude can be lower. A larger range value means that a valid motion signal’s
amplitude must be higher.
• Typical values used for range control are dependent on the lens and pyroelectric sensor being used.
Range is also dependent on target size, speed and relative temperature. For example, a range control
setting that rejects one target of a particular size at a given distance does not guarantee that a larger
target will be rejected at the same distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com