Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Z8FS021 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
40
Table 20. PIR Process Rate
(ePIR_Process_Rate)
Bit
15
14
13
12
11
10
9876543210
Field
PIR Process Rate
Control
Read
Address
F3H
F4H
ePIR Process Rate (Bits 15–0)
Controlled by the PIR Engine.
• The PIR Process Rate Indicator is provided by the Engine to determine if the user application process
and interrupts overhead is impacting the performance of the Engine. If the Engine process rate drops
significantly, its abilityto detect motion can be significantly reduced.This value is typicallyused at the
application development stage. This number gives an indication of how much CPU time the Engine
is receiving. Higher numbers are better. Generally, if the process rate drops below 0080h, the ability
to detect motion could be compromised.
Note:
The 16-bit value provided by these two 8-bit registers must be read as an atomic operation by
the application. This read can be ensured by using either the CPU's ATM instruction or by disabling
interrupts while reading the two 8-bit registers.
Table 21. PIR Sample Size Register
(ePIR_Sample_Size)
Bit
76543210
Field
PIR Sample Size
Control
Read/Write
Address
F5H
PIR Sample Size (Bits 7–0)
Controlled by the application.
• This register controls the amount of averaging that the Engine performs on the incoming PIR signal
ADC samples. More averaging improves signal noise immunity at the cost of a slower sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com