Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 28Page - Zilog, Inc. Z8FS021 Datasheet HTML 29Page - Zilog, Inc. Z8FS021 Datasheet HTML 30Page - Zilog, Inc. Z8FS021 Datasheet HTML 31Page - Zilog, Inc. Z8FS021 Datasheet HTML 32Page - Zilog, Inc. Z8FS021 Datasheet HTML 33Page - Zilog, Inc. Z8FS021 Datasheet HTML 34Page - Zilog, Inc. Z8FS021 Datasheet HTML 35Page - Zilog, Inc. Z8FS021 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
PS028806-0315
Standard API Register Set
ZMOTION® Intrusion Detection
Product Specification
24
Tables 5 through 15 describe each of the standard API registers listed in Table 4.
Table 5. PIR Engine Enable Register
(ePIR_Enable)
Bit
76543210
Field
PIR Enable/Disable Pattern
Control
Read/Write
Address
100H
PIR Enable/Disable Pattern (Bits 7–0)
PIR Enable/Disable Register; controlled by the application.
• The PIR Enable Register controls the overall operation of the PIR Engine. As an added level of
protection, there are specific 8-bit enable and disable values; all other values are reserved. Reading this
register returns the last value written. Once enabled, the PIR Engine reads the application-controlled
Status/Control Register values and sets the Engine-controlled values to their default states.
• To enable the PIR Engine, first write the ePIR_ENABLE_PATTERN to the PIR Enable Register, then
execute the EPIR_INIT macro. See Table 6.
Table 6. PIR Software Enable Patterns
Pattern
Name
Description
00h
ePIR_DISABLE_PATTERN
Disables all PIR Engine functions, including motion detection.
Used to temporarily or permanently shut down the Engine.
11h
ePIR_ENABLE_PATTERN
Enables the PIR Engine. All primary Engine functions, as
configured in Engine Status/Control Registers, are enabled.
Confirmation of enabled status is provided through the Engine
Disabled bit in Status/Control Register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com