Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Z8FS021 Datasheet HTML 51Page - Zilog, Inc. Z8FS021 Datasheet HTML 52Page - Zilog, Inc. Z8FS021 Datasheet HTML 53Page - Zilog, Inc. Z8FS021 Datasheet HTML 54Page - Zilog, Inc. Z8FS021 Datasheet HTML 55Page - Zilog, Inc. Z8FS021 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
44
Table 28. PIR DC Signal Level
(ePIR_Signal_DC)
Bit
15
14
13
12
11
10
9876543210
Field
PIR Signal DC
Control
Read
Address
FCH
FDH
PIR Signal DC (Bits 15–0)
Controlled by the PIR Engine.
• These registers contain the last PIR signal DC Level calculated by the Engine. Each time the Engine
generates new control limits it will place the DC component level in these registers.
• Note: The 16 bit value provided by these two 8 bit registers must be read as an atomic operation by
the application. This can be ensured by either using the CPU's ATM instruction or by disabling
interrupts while reading the two 8 bit registers.
Table 29. PIR Extended Detection Sensitivity Level
(ePIR_Extended_Sense)
Bit
76543210
Field
PIR Extended Detection Sensitivity
Control
Read/Write
Address
FEH
Extended Detection Sensitivity (Bits 7–0)
Controlled by the application.
• This register determines how sensitive the Extended Detection part of the Engine is to fast or slow
speed targets in the PIR field of view. A lower number makes the extended detector more sensitive,
at the cost of potential false motion events. The valid range is 1 (most sensitive) to 255 (least
sensitive) with typical values between 6 and 25. Related control features include the PIR Extended
Detection Level (PIR_SC0) and the PIR Extended Detection Debounce Timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com