Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS021 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 42Page - Zilog, Inc. Z8FS021 Datasheet HTML 43Page - Zilog, Inc. Z8FS021 Datasheet HTML 44Page - Zilog, Inc. Z8FS021 Datasheet HTML 45Page - Zilog, Inc. Z8FS021 Datasheet HTML 46Page - Zilog, Inc. Z8FS021 Datasheet HTML 47Page - Zilog, Inc. Z8FS021 Datasheet HTML 48Page - Zilog, Inc. Z8FS021 Datasheet HTML 49Page - Zilog, Inc. Z8FS021 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
PS028806-0315
Advanced API Register Set
ZMOTION® Intrusion Detection
Product Specification
38
Use the following equation to determine the White Light scan rate, in seconds:
Larger values create a slower sample rate, which results in slower White Light response.
Smaller numbers will increase White Light event response at the cost of potentially
degrading motion detection.
EM Transient Detected (Bit 0)
EM Transient Detected on PIR Signal; set by the PIR Engine; cleared by the application.
• This bit indicates if the Engine has detected a transient on the PIR signal. This event is provided to
the user application to indicate that an EM transient event has occurred and associated motion
event(s) may have been suppressed by the Engine. This bit is does not have to be read for normal
operation and is provided as status only. The application must clear this bit after it has been read.
Table 18. PIR Advanced Status/Control Register 1
(ePIR_ASC1)
Bit
76543210
Field
White Light Debounce
White Light Scan Rate
Control
R/W
R/W
Address
F1H
White Light Debounce (Bits 7–4)
White light debounce time; controlled by the application.
• This value determines the amount of debounce applied to the White Light detection. White Light
Debounce is the number of sequential WL samples above the threshold value set in the PIR Status/
Control Register 2 required to consider it as a WL event. Larger numbers result in more stable White
Light detection at the cost of slower White Light response.
0 = Internal VREF selected.
1 = External VREF selected.
White Light Scan Rate (Bits 3–0)
White light (LED) scan rate; controlled by the application – see the equation that follows.
• This value determines the rate (in seconds) at which the White Light signal is sampled. WL scan is
performed at a maximum rate of once every 5 PIR constructed samples when this value is set to 0.
The PIR constructed sample time is determined by thePIR Sample Size Register. Each increment of
1 to the White Light Scan Rate value adds 5 constructed samples to the time between White Light
scans.
 
Frequency
Clock
System
Rate
Scan
Light
White
Size
Sample
ePIR
_
_
1
_
_
_
*
4873
_
_
*
1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com