Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 10Page - Cirrus Logic CS6420-CS Datasheet HTML 11Page - Cirrus Logic CS6420-CS Datasheet HTML 12Page - Cirrus Logic CS6420-CS Datasheet HTML 13Page - Cirrus Logic CS6420-CS Datasheet HTML 14Page - Cirrus Logic CS6420-CS Datasheet HTML 15Page - Cirrus Logic CS6420-CS Datasheet HTML 16Page - Cirrus Logic CS6420-CS Datasheet HTML 17Page - Cirrus Logic CS6420-CS Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
CS6420
14
DS205PP2
Register 1
* Denotes reset value
Table 4. Register 1 Bit Definitions
HD - Half-Duplex Disable
In normal operation, the CS6420 will be in a half-
duplex mode if the echo canceller is not providing
enough loop gain reduction to prevent howling.
This half-duplex mode would be active at power-
up, for example, before the adaptive filter has had a
chance to adapt. This half-duplex mode prevents
howling and also masks the convergence process.
In some cases, such as when measuring conver-
gence speed (see Testing Issues), the half-duplex
mode is undesirable. By default, the half-duplex
mode is enabled.
RSD - Receive Suppression Disable
The Receive Supplementary Echo Suppression
function is a non-linear echo control mechanism.
Supplementary Echo Suppression attenuates sig-
nals in the receive direction by 24 dB when far-end
speech is absent in the receive path. The attenua-
tion is released only when the receive channel is ac-
tive. It is also designed to not be triggered by
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
HD
RSD
Taps
NCC
TVol
RGain
0
1
0
0
0
10
00
01010
00
0
1
0
Bits
Name
Function
Word
Operation
15
HD
Half-Duplex Disable
0*
1
enable half-duplex
disable half-duplex
14
RSD
Rx Suppression Disable
0*
1
enable Rx suppression
disable Rx suppression
13-12
Taps
AEC/NEC Tap Allocation
00
01
10*
11
444/0 (55.5ms/disabled)
380/128 (47.5ms/16ms)
316/192 (39.5ms/24ms)
252/256 (31.5ms/32ms)
11-10
NCC
NEC Coefficient Control
00*
01
10
11
Normal
Clear
Freeze
reserved
9-5
TVol
Tx Volume Control
00000
00001
---
00100
---
01010*
01011
---
11101
11110
11111
+30 dB
+27 dB
+18 dB
+0 dB
-3 dB
-57 dB
-60 dB
mute
4-3
RGain
Rx Analog Gain
00*
01
10
11
0 dB
6 dB
9.5 dB
12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com