Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 28Page - Cirrus Logic CS6420-CS Datasheet HTML 29Page - Cirrus Logic CS6420-CS Datasheet HTML 30Page - Cirrus Logic CS6420-CS Datasheet HTML 31Page - Cirrus Logic CS6420-CS Datasheet HTML 32Page - Cirrus Logic CS6420-CS Datasheet HTML 33Page - Cirrus Logic CS6420-CS Datasheet HTML 34Page - Cirrus Logic CS6420-CS Datasheet HTML 35Page - Cirrus Logic CS6420-CS Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
CS6420
32
DS205PP2
NI - Network Interface Input, Pin 17
Input to the network side analog-to-digital converter (far-end input/receive input). This input
expects a single-pole RC anti-aliasing filter with a corner frequency of 8 kHz. Maximum signal
level before clipping at this point is 1 Vrms (2.8 Vpp), assuming default settings for the Rx
Analog Gain.
Microcontroller Interface
RST - Active Low Reset Input, Pin 5
When RST is held low, the CS6420 is put into a low power mode with all functional blocks
idle. When RST goes high, the CS6420 is started in a known state.
DRDY - Active Low Microcontroller Interface Data Ready Input, Pin 6
DRDY is a low pulse used to gate valid input data into the Microcontroller Interface.
STROBE - Microcontroller Interface Clock Input, Pin 7
The rising edge of STROBE latches DATA into the Microcontroller Interface while DRDY is
low.
DATA - Microcontroller Interface Data Input, Pin 8
DATA is latched into the Microcontroller Interface on the rising edge of STROBE.
Clock
CLKI - Clock Oscillator Input, Pin 14
A 20.480 MHz parallel-resonant crystal should be connected between CLKI and CLKO.
Alternatively, CLKI may be driven directly with an 20.480 MHz CMOS level clock.
CLKO - Clock Oscillator Output, Pin 13
A 20.480 MHz parallel-resonant crystal should be connected between CLKI and CLKO. Must
be floating if CLKI is driven directly with a CMOS level clock.
Power Supply
AVDD - Analog Supply, Pin 1
+5 Volt analog power supply.
AGND - Analog Ground, Pin 2
Analog ground reference.
DVDD - Digital Supply, Pin 16
+5 Volt digital power supply.
DGND - Digital Ground, Pin 15
Digital ground reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com