Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 20Page - Cirrus Logic CS6420-CS Datasheet HTML 21Page - Cirrus Logic CS6420-CS Datasheet HTML 22Page - Cirrus Logic CS6420-CS Datasheet HTML 23Page - Cirrus Logic CS6420-CS Datasheet HTML 24Page - Cirrus Logic CS6420-CS Datasheet HTML 25Page - Cirrus Logic CS6420-CS Datasheet HTML 26Page - Cirrus Logic CS6420-CS Datasheet HTML 27Page - Cirrus Logic CS6420-CS Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
CS6420
24
DS205PP2
efficients can change. If beta is too low, the adap-
tive filter will be slow to adapt. Conversely, if it is
too high, the filter will be unstable and will create
unwanted noise in the system.
In most echo canceller implementations, the beta is
a fixed value for all the filter coefficients. In some
situations, though, through knowledge of the char-
acteristics of echo path response, the beta can be
varied for groups of coefficients. This preserves
stability by allowing the beta to be higher for some
coefficients and compensating by reducing beta be-
low nominal for others.
For example, acoustic echo tends to decay expo-
nentially, so the first taps need to be large and the
later taps will be small. Having a large beta for the
first taps will allow those taps to be adapted faster,
while having a small beta for the later taps will
keep the filter stable. This has an added benefit of
suppressing the spurious taps mentioned in the Pre-
Emphasis Filter section above.
The Microcontroller Interface allows four settings
for graded beta: none, 0.19 dB/ms, 0.38 dB/ms, and
0.75 dB/ms. Use 0.75 dB/ms for acoustically dead
rooms or cars, and 0.19 dB/ms or no grading of beta
for large, or acoustically live rooms.
Update Control
As mentioned in the Theory of Operation section,
the update control algorithms are the heart of any
useful echo canceller implementation. Aside from
telling the adaptive filter when to adapt, they are re-
sponsible for correcting performance when the path
changes too quickly for the filter. For example, if
the adaptive filter is actually adding signal power
instead of cancelling, the update control algorithms
will reset the adaptive filter to cleared coefficients,
forcing it to restart.
Speech Detection
The CS6420 detects speech by using power estima-
tors to track deviations from a background noise
power level. The power estimators filter and aver-
age the raw incoming samples from the ADC.
A background noise level is established by a regis-
ter that increases 3 dB at intervals determined by
NseRmp (Register 2, bits 7 and 6). When the power
estimator level rises, the background noise level
will slowly increase to try to match it. When the
power estimator level is below the background
noise level, the background noise level is quickly
reset to match the power estimator level. This
method allows significant flexibility in tracking the
background noise level.
Speech is detected when the power estimator level
rises above the background noise level by a given
threshold. The half-duplex receive speech detector
threshold is set by RHDet (Register 2, bits 11 and
10), the half-duplex transmit speech detector
threshold is set by THDet (Register 3, bits 11 and
10), and the receive suppression speech detector
threshold is set by RSThd (Register 2, bits 5 and 4).
The transmit speech detectors for both half-duplex
and suppression default to 5 dB.
Note that constant power signals which persist for
long durations, such as tones from a signal genera-
tor, will be detected as speech only as long as the
background noise level has not risen to within the
speech detection threshold of the signal power.
When a tone has persisted for long enough, the
background noise level will be equal to the power
estimator level, and so the tone will no longer be
considered speech. This duration is dependent
upon the power difference between the signal and
the ambient noise power, as well as NseRmp. It
should be noted that the CS6420 has a tone detector
to prevent updates when tones are present and allow
tones to persist regardless of the speech detectors.
Half-Duplex Mode
In cases where the system relies on the echo cancel-
ler for stability, a fail-safe mechanism must be in
place for instances when the echo canceller is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com