Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 42Page - Cirrus Logic CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic CS6420-CS Datasheet HTML 46Page - Cirrus Logic CS6420-CS Datasheet HTML 47Page - Cirrus Logic CS6420-CS Datasheet HTML 48Page - Cirrus Logic CS6420-CS Datasheet HTML 49Page - Cirrus Logic CS6420-CS Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
CDB6420
46
DS205DB1
Button Hints
The four checkboxes (RSD, HHold, HD, and TSD)
can be toggled by pressing the spacebar when the
checkbox is selected. The radio button for Mic
(choosing between API and APO for the ADC in-
put source) is changed by using the up or down ar-
row. The Reset Button (at the bottom of the main
window) can be pressed when selected by pressing
the spacebar, or at anytime by pressing the enter
key. As above, you can always use the mouse to se-
lect the value.
Controls in Detail
The controls are discussed in detail below.
Each
description has the register name, the available
choices, and the consequence of each choice sum-
marized.
The following descriptions are only
meant as a supplement to the CS6420 datasheet.
Please carefully read the Register section of that
document for full details.
RGain - Receive ADC Analog Gain
0 dB, 6 dB, 9.5 dB, 12 dB:
set gain of the ADC at NI
RSD - Receive Suppression Disable
checked:
disable receive suppression
unchecked:
enable receive suppression
Figure 9. Main Control Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com