Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 37Page - Cirrus Logic CS6420-CS Datasheet HTML 38Page - Cirrus Logic CS6420-CS Datasheet HTML 39Page - Cirrus Logic CS6420-CS Datasheet HTML 40Page - Cirrus Logic CS6420-CS Datasheet HTML 41Page - Cirrus Logic CS6420-CS Datasheet HTML 42Page - Cirrus Logic CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
CDB6420
DS205DB1
41
HARDWARE
Power Supplies
The CDB6420 power supply circuitry is shown in
Figure 1. The evaluation board expects a clean
+5V DC power supply to be applied to the +5VA
binding post. This powers the analog components
of the evaluation board. Power for the digital com-
ponents is derived through a ferrite bead to filter
out the high frequency components.
Analog Signal Connections
Figure 2 shows the RCA connectors for the analog
signals. These RCA connectors connect directly to
the test points with the same names. All the con-
nectors have a nominal maximum input and output
voltage of 2.8 Vpp. NO and AO present 12 kΩ of
output impedance at the connector and have a low-
pass corner at 4 kHz. APO_IN and NI both have
input anti-aliasing filters with corners at 8 kHz, and
an nominal input impedance of 6 k
Ω.
Microphone Bias
A constant current source providing the necessary
bias for electret microphones is shown in Figure 3.
A 1/8" stereo microphone jack (J8) is provided for
easy connection to microphones with 1/8" plugs.
HDR3 provides an easy way to connect a micro-
phone with bare wires. The stereo microphone jack
is self-shorting, so when connecting to the test
point MICIN or HDR4, make sure that either a plug
is in the jack, or the trace from the jack has been cut
(HDR4 is a convenient place to do this).
Speaker Driver
A speaker driver circuit, implemented with a Mo-
torola MC34119, is shown in Figure 4. This circuit
provides 6.4 Vpp differentially to the SPEAKER
terminals (J1 and J2). This circuit can drive down
to an 8
Ω load. When using the speaker driver, the
speaker driver must be connected to AO by HDR3.
This will connect the speaker driver to AO, but in
doing so will create a voltage divider at the AO test
point resulting in a 1.4 Vpp full-scale swing at the
AO test point and connector. The CDB6420 is
shipped with the speaker driver enabled by default.
In order to disable the speaker driver, remove the
jumper shorting HDR3. This will result in the con-
nection between AO and the speaker driver input
being broken and allowing the signal at the AO test
point and connector to swing to its full extreme of
2.8 Vpp full-scale.
CS6420
The heart of the CDB6420, the CS6420 Full-Du-
plex Speakerphone Chip, is shown in Figure 5. The
outputs AO and NO are shown with the output low-
pass filters that remove the high frequency compo-
nents from the delta-sigma DACs.
The inputs
APO_IN and NI are shown with the anti-aliasing
network they require.
When using APO as the input, the CS6420 does not
use the on-chip 34 dB preamplifier. HDR1 must be
changed to the PREAMP OFF (1-2) position when
Figure 1. Power Supply
Figure 2. RCA Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com