Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 27Page - Cirrus Logic CS6420-CS Datasheet HTML 28Page - Cirrus Logic CS6420-CS Datasheet HTML 29Page - Cirrus Logic CS6420-CS Datasheet HTML 30Page - Cirrus Logic CS6420-CS Datasheet HTML 31Page - Cirrus Logic CS6420-CS Datasheet HTML 32Page - Cirrus Logic CS6420-CS Datasheet HTML 33Page - Cirrus Logic CS6420-CS Datasheet HTML 34Page - Cirrus Logic CS6420-CS Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
CS6420
DS205PP2
31
PIN DESCRIPTIONS
Analog Interface
AO - Acoustic Interface Output, Pin 3
Analog voltage output for the acoustic side (near-end output/receive output). Maximum output
signal is 1 Vrms (2.8 Vpp). This output can drive down to 10 kΩ and is usually followed by a
speaker driver. The output is pre-compensated to expect a single-pole RC low pass filter with a
corner frequency of 4 kHz.
NO - Network Interface Output, Pin 4
Analog voltage output for the network side (far-end output/transmit output). Maximum output
signal is 1 Vrms (2.8 Vpp). This output can drive down to 10 kΩ. The output is pre-
compensated to expect a single-pole RC low pass filter with a corner frequency of 4 kHz.
API - Acoustic Interface Preamplifier Input, Pin 20
Input to the acoustic side microphone preamplifier. Signal source resistance at this pin will
reduce the 34 dB gain inherent in the preamplifier. The maximum signal without clipping is
20 mVrms (57 mVpp), assuming default settings.
APO - Acoustic Interface Preamplifier Output, Pin 18
Output of the acoustic side microphone preamplifier and input to the acoustic side analog-to-
digital converter (near-end input/transmit input). This input expects a single-pole RC anti-
aliasing filter with a corner frequency of 8 kHz. Maximum signal level before clipping at this
point is 1 Vrms (2.8 Vpp), assuming default settings for the Tx Analog Gain.
MB - Microphone Bias Voltage Output, Pin 19
Output of 3.5 VDC provides the internal voltage reference for the CS6420. MB must be
decoupled with a 10
µF and 0.1 µF capacitor to prevent noise from affecting the on-chip
voltage reference. MB must not be connected to any load.
1
2
3
4
5
6
7
8
12
13
14
15
16
AVDD
AGND
AO
NO
RST
DRDY
STROBE
DATA
DVDD
DGND
CLKI
CLKO
NC4
9
10
NC1
NC2
17
18
APO
NI
19
20
API
MB
11
NC3
CS6420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com