Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic CS6420-CS Datasheet HTML 46Page - Cirrus Logic CS6420-CS Datasheet HTML 47Page - Cirrus Logic CS6420-CS Datasheet HTML 48Page - Cirrus Logic CS6420-CS Datasheet HTML 49Page - Cirrus Logic CS6420-CS Datasheet HTML 50Page - Cirrus Logic CS6420-CS Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
CDB6420
DS205DB1
47
RSThd - Receive Suppression speech-detection
Threshold
5dB:
default
3 dB:
make disengaging receive suppression easier
(sensitive to bursty far end noise)
6 dB:
make receive suppression harder to disengage
(less sensitive to far end noise).
NCC - Network (echo canceller) Coefficient
Control
Normal:
coefficients adapt to echo path
Clear:
coefficients held to zero (no cancellation)
Freeze:
coefficients held to current values and adapta-
tion halted
NErle - Network ERLE threshold
24 dB:
default
18 dB:
network echo canceller tends to go to full-du-
plex more easily (faster)
30 dB:
network echo canceller requires good perfor-
mance to go to full-duplex (slower)
NFNse - Network Full-duplex Noise threshold
zero:
use NErle as sole criterion to transition to full-
duplex.
-42 dB:
echo path may not exist, so go to full-duplex
when noise level is below -42 dB (easy) and in-
ternal determination of path/no path is complete
-54 dB:
echo path may not exist, so go to full-duplex
when noise level is below -54 dB (hard) and in-
ternal determination of path/no path is complete
TVol - Transmit Volume
30 dB, 27 dB, ... , -57 dB, -60 dB, mute:
digital volume control, positive numbers are
AGC’d.
RHDet - Receive Half-duplex Detect threshold
5dB:
default
3 dB:
half-duplex detects far end speech more easily
(more sensitive to far end noise)
6 dB:
half-duplex less sensitive to far end speech (less
sensitive to far end noise)
HHold - Half-duplex Hold on howl
checked:
after howl, CS6420 remains in half-duplex
unchecked:
after howl, CS6420 readapts
HDly - Half-duplex holdover Delay
200 ms:
default
100 ms:
very easy to break in, but may falsely switch
150 ms:
somewhat easy to break in, but may falsely
switch
HD - Half-duplex Disable
checked:
CS6420 will never be in half-duplex.
unchecked:
CS6420 can be in half-duplex as needed.
NseRmp - Noise estimator Ramp rate
1 sec:
noise estimator increases noise level by
3dB/ 1sec
0.5 sec:
estimated noise level increases by 3 dB/ 0.5 sec
(improves tracking of dynamic noise levels)
2 sec:
estimated noise level increases by 3 dB/ 2 sec
(improves detection of long bursts of speech)
THDet - Transmit Half-duplex Detect
threshold
5 dB:
default
3 dB:
half-duplex tends to detect transmit speech
more easily (more sensitive to near end noise)
6 dB:
half-duplex is less sensitive to transmit speech
(less sensitive to near end noise)
RVol - Receive Volume
30 dB, 27 dB, ... , -57 dB, -60 dB, mute:
digital volume control where positive numbers
are AGC’d
ACC - Acoustic (echo canceller) Coefficient
Control
Normal:
coefficients adapt to echo path
Clear:
coefficients held to zero (no cancellation)
Freeze:
coefficients held to current values and adapta-
tion halted
AErle - Acoustic ERLE threshold
24 dB:
default
18 dB:
acoustic echo canceller tends to go to full-du-
plex more easily (faster)
30 dB:
acoustic echo canceller requires good perfor-
mance to go to full-duplex (slower)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com