Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 36Page - Cirrus Logic CS6420-CS Datasheet HTML 37Page - Cirrus Logic CS6420-CS Datasheet HTML 38Page - Cirrus Logic CS6420-CS Datasheet HTML 39Page - Cirrus Logic CS6420-CS Datasheet HTML 40Page - Cirrus Logic CS6420-CS Datasheet HTML 41Page - Cirrus Logic CS6420-CS Datasheet HTML 42Page - Cirrus Logic CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
CDB6420
40
DS205DB1
1. Assumes TGain=RGain= 0 dB.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
DC Supply (AVDD, DVDD)
+5VA
4.5
5.0
5.5
V
Ambient Operating Temperature
TAOp
025
70
°C
Maximum Analog Input Level (APO, NI)
Note 1
Vin
2.8
Vpp
Maximum Analog Output Level (AO, NO)
Vout
2.8
Vpp
Input and Output Offset Voltage
Voff
2.12
VDC
Maximum Speaker Output Voltage
Vspkr
6.4
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com