Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 22Page - Cirrus Logic CS6420-CS Datasheet HTML 23Page - Cirrus Logic CS6420-CS Datasheet HTML 24Page - Cirrus Logic CS6420-CS Datasheet HTML 25Page - Cirrus Logic CS6420-CS Datasheet HTML 26Page - Cirrus Logic CS6420-CS Datasheet HTML 27Page - Cirrus Logic CS6420-CS Datasheet HTML 28Page - Cirrus Logic CS6420-CS Datasheet HTML 29Page - Cirrus Logic CS6420-CS Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
CS6420
26
DS205PP2
transmit channel will engage extra attenuation
whenever only the far-end talker is speaking. How-
ever, if the near-end talker starts speaking, the at-
tenuation is removed and the system relies on the
near-end talker’s speech to mask residual echo.
Suppression causes some modulation of the per-
ceived background noise which may be distracting
to some users. As a result, it may be desirable to
limit the suppression attenuation to the minimum
necessary. The CS6420 provides TSAtt (Register
3, bits 9 and 8) to control the amount of attenuation
introduced by suppression in the transmit channel.
Receive suppression attenuates by 24 dB.
The suppression in the transmit suppression and
that in the receive direction work very differently.
The transmit suppression works in a “default off”
mode while the receive suppression is “default on.”
Transmit Suppression
The transmit suppressor attenuates the transmit
path when only far-end speech is present, hence the
name “default off.” This ensures that the suppres-
sion engages only when necessary.
Recall that the purpose of Transmit Suppression is
to mask residual echo by inserting additional
loss/attenuation in the transmit path in the scenario
when only far-end speech is present; the residual
echo, if any, in double-talk being masked by near-
end speech assuming reasonable levels of ERLE.
There are two controls/tweekable parameters for
governing the behavior of Transmit Suppression.
The two controls are adjustable through the Micro-
controller Interface, and they are TSThd (Register
3, bits 5 and 4) and TSBias (Register 3, bits 7 and
6). TSThd is the primary control and should be ad-
justed before changing the value of TSBias from its
default setting. TSThd sets the ERLE expectation
to be used in discriminating between near-end
speech and far-end echo. This control setting will
by far predominate in affecting the manner in
which Transmit Suppression behaves.
TSBias is a secondary control. This is to be adjust-
ed after the system designer is more or less satisfied
with the behavior of Transmit Suppression with the
TSThd set. It affects the ease with which a near-end
talker may disengage Transmit Suppression and
-30dB
Fs
(a) Input Signal
t
-30dB
Fs
(c) AGC Gain
t
-30dB
Fs
(b) AGC Attenuation
t
-30dB
Fs
(d) Input Signal
t
-30dB
Fs
(e) AGC Gain
t
0dB
0dB
0dB
0dB
0dB
Figure 9. How AGC works (TVol = 00000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com