Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 30Page - Cirrus Logic CS6420-CS Datasheet HTML 31Page - Cirrus Logic CS6420-CS Datasheet HTML 32Page - Cirrus Logic CS6420-CS Datasheet HTML 33Page - Cirrus Logic CS6420-CS Datasheet HTML 34Page - Cirrus Logic CS6420-CS Datasheet HTML 35Page - Cirrus Logic CS6420-CS Datasheet HTML 36Page - Cirrus Logic CS6420-CS Datasheet HTML 37Page - Cirrus Logic CS6420-CS Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
CS6420
34
DS205PP2
GLOSSARY
Echo
A signal that returns to its source after some delay.
Network Echo
Echo resulting from signal reflection due to an impedance mismatch in a 2-to-4 wire converter
(hybrid).
Acoustic Echo
Echo created by signal propagation in a room from a speaker to a microphone.
Reverberation
Local information that bounces around the room before it reaches the microphone. An example
of reverberation is when your back is to the speakerphone, and your voice bounces off the wall
before it reaches the microphone.
Near-End
The location with the acoustic interface (speaker and microphone).
Far-End
The location connected to the network interface.
Transmit Path
The signal path from Near-End input to Far-End output.
Receive Path
The signal path from Far-End input to Near-End output.
Full-Duplex
The state when both Transmit and Receive paths are simultaneously active.
Half-Duplex
The state when either Transmit or Receive path is active.
Supplementary Echo Suppression
Dynamic attenuation placed in the opposite path of the active path to mask residual echo. For
example, if the receive path is active, the transmit path is attenuated. When both paths are
simultaneously active, the suppression attenuation is removed. See the section on Suppression
in Design Considerations for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com