Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 11Page - Cirrus Logic CS6420-CS Datasheet HTML 12Page - Cirrus Logic CS6420-CS Datasheet HTML 13Page - Cirrus Logic CS6420-CS Datasheet HTML 14Page - Cirrus Logic CS6420-CS Datasheet HTML 15Page - Cirrus Logic CS6420-CS Datasheet HTML 16Page - Cirrus Logic CS6420-CS Datasheet HTML 17Page - Cirrus Logic CS6420-CS Datasheet HTML 18Page - Cirrus Logic CS6420-CS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
CS6420
DS205PP2
15
network echo. By default, the receive suppression
function is enabled.
Taps - AEC/NEC Tap Allocation
The CS6420 has a total of 63.5 ms of echo canceller
taps that it can partition for use by the network and
acoustic echo cancellers. By default, the CS6420
allocates 39.5 ms for the AEC and 24 ms for the
NEC. Some applications will never have a network
echo path, and so should allocate all taps for the
AEC. See NErle and NFNse in Register 2, and
AErle and AFNse in Register 3 for more options
when an echo path is nonexistent.
NCC - Network Coefficient Control
The NEC adaptive filter’s coefficients are con-
trolled by NCC. See ACC in Register 0 for more
details. The default setting for NCC is Normal
mode.
TVol - Transmit Volume Control
Volume in the transmit path is controlled by TVol.
Like receive volume, the transmit volume is con-
trolled by an AGC. See RVol in Register 0 for more
details. The default setting for the transmit refer-
ence level is +0 dB.
RGain - Receive Analog Gain
RGain selects the amount of additional on-chip an-
alog gain to be supplied to the network input of the
CS6420. A programmable gain amplifier (PGA)
exists before each ADC which allows 0 dB, 6 dB,
9.5 dB, or 12 dB of gain to be added to the signal
path. The network side defaults to 0 dB of gain.
Note: Changing the analog gain will change the full-
scale voltage as applied to the input pin. Make
sure that the ADC input does not clip with the gain
stage on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com