Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 40Page - Cirrus Logic CS6420-CS Datasheet HTML 41Page - Cirrus Logic CS6420-CS Datasheet HTML 42Page - Cirrus Logic CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic CS6420-CS Datasheet HTML 46Page - Cirrus Logic CS6420-CS Datasheet HTML 47Page - Cirrus Logic CS6420-CS Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
CDB6420
44
DS205DB1
SOFTWARE
Requirements
Windows 3.1 or better
available LPT port
100KB Hard Disk space
Selecting an LPT Address
When starting the program for the first time, an
LPT address must be specified to communicate
with the CDB6420. This address is usually avail-
able from the BIOS information displayed at sys-
tem boot or from the PC’s CMOS setup program.
This address is necessary for the CDB6420 pro-
gram to manipulate the registers on the board.
Select the LPT address by choosing the appropriate
address in the "Control | LPT Address..." menu-
item. A good way to tell if you have selected the
correct address is to change the Reset Option to
Powerdown (see the Reset Options section), and
press the Current Reset Option button. If you have
an ammeter on the power supply to the CDB6420,
you will see a dramatic decrease in current con-
sumption. Alternatively, you can probe the RST
line and you should see it go low when you press
the button.
Reset Options
A dialog box which supports the various CS6420
reset options is shown in Figure 8. This dialog box
is invoked by selecting the menuitem "Control | Re-
set Options...".
The "Exit Timer" edit box allows the system inte-
grator to test the effects of an early exit from reset.
An integer from 0 to 100 may be entered here to
specify how long after RST goes high the control
word to terminate the reset timer early will be sent.
See the CS6420 datasheet for more details.
The CS6420 is capable of either a cold reset or a
warm reset. A cold reset resets all registers and
Figure 6. Parallel Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com