Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6420-CS Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 12Page - Cirrus Logic CS6420-CS Datasheet HTML 13Page - Cirrus Logic CS6420-CS Datasheet HTML 14Page - Cirrus Logic CS6420-CS Datasheet HTML 15Page - Cirrus Logic CS6420-CS Datasheet HTML 16Page - Cirrus Logic CS6420-CS Datasheet HTML 17Page - Cirrus Logic CS6420-CS Datasheet HTML 18Page - Cirrus Logic CS6420-CS Datasheet HTML 19Page - Cirrus Logic CS6420-CS Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
CS6420
16
DS205PP2
Register 2
* Denotes reset value
Table 5. Register 2 Bit Definitions
NErle - Network ERLE Threshold
The CS6420 will allow full-duplex operation only
when the Network ERLE exceeds the threshold set
by NErle. See also NFNse. See Glossary for a def-
inition of ERLE.
NFNse - Network Full-Duplex Noise Threshold
NFNse works in conjunction with NErle to deter-
mine when the CS6420 should transition into full-
duplex operation. If the current noise level at the
far-end input is greater than NFNse, then NErle is
used to determine if full-duplex is allowed. If the
noise level is below the level of NFNse, the
CS6420 uses an internal estimate of asymptotic
performance to determine whether or not to transi-
tion to full-duplex. If NFNse is zero, NErle is al-
ways used as the full-duplex criterion. The other
values exist for cases where there is not a network
path to converge to, or the existence of a network
path can not be determined prior to placing a call.
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
NErle
NFNse
RHDet
HDly
NseRmp
RSThd
PCSen
1
0
0
00
00
00
00
00
00
0
1
0
0
Bits
Name
Function
Word
Operation
15-14
NErle
NEC ERLE Threshold
00*
01
10
11
24 dB
18 dB
30 dB
reserved
13-12
NFNse
NEC Full-Duplex Noise Threshold
00*
01
10
11
zero
-42 dB
-54 dB
reserved
11-10
RHDet
Rx Half-Duplex Detection Threshold
00*
01
10
11
5 dB
3 dB
6 dB
reserved
9-8
HDly
Half-Duplex Holdover Delay
00*
01
10
11
200 ms
100 ms
150 ms
reserved
7-6
NseRmp
Background Power Estimator Ramp Rate
00*
01
10
11
1 s
0.5 s
2 s
reserved
5-4
RSThd
Rx Suppression Threshold
00*
01
10
11
5 dB
3 dB
6 dB
reserved
3
PCSen
Path Change Sensitivity
0*
1
high sensitivity
low sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com