Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 18Page - Advanced Micro Devices AM79C875KC Datasheet HTML 19Page - Advanced Micro Devices AM79C875KC Datasheet HTML 20Page - Advanced Micro Devices AM79C875KC Datasheet HTML 21Page - Advanced Micro Devices AM79C875KC Datasheet HTML 22Page - Advanced Micro Devices AM79C875KC Datasheet HTML 23Page - Advanced Micro Devices AM79C875KC Datasheet HTML 24Page - Advanced Micro Devices AM79C875KC Datasheet HTML 25Page - Advanced Micro Devices AM79C875KC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
Am79C875
nected ports and ports running at 10 or 100 Mbps with
Auto-Negotiation disabled. Typical power becomes
100 mW per port.
Power Down
Most of the NetPHY™ 4LP device can be disabled via
the Power Down bit in Register 0, bit 11. Setting this bit
on Register 0 of any port will power down the respec-
tive port with the exception of the MDIO/MDC manage-
ment circuitry. Typical power becomes 5 mW or lower
per port.
LED Port Configuration
The NetPHY™ 4LP device has several pins that are
used for both device configuration and LED drivers.
These pins set the configuration of the device on the
rising edge of RST and thereafter indicate the state of
the respective port. See Table 2.
The polarity of the LED drivers (Active-LOW or Active-
HIGH) is set at the rising edge of RST. If the pin is LOW
at the rising edge of RST, it becomes an active-HIGH
driver. If it is HIGH at the rising edge of RST, it becomes
an active-LOW driver.
Proper configuration requires external pull-up or pull-
down resistors. If the LED corresponding to a pin is not
used, the pin must be terminated via a resistor. The re-
sistor value is not critical and can be in the range of
1 K
Ω to 4.7 KΩ. If the corresponding LED is used, the
terminating resistor must be placed in parallel with the
LED. Figure 8 illustrates the wiring of the LEDs for both
configuration settings.
The value of the series resistor (RL) should be selected
to ensure sufficient illumination of the LED. It is
dependent on the rating of the LED.
Table 2.
LEDACT_LINK[N]
LEDSPD[N]
LEDDPX[N]
Cable Connected (Link)
LED On
LED Off
LED Off
100Mbps, Half Duplex
LED On
LED On
LED Off
100Mbps, Full Duplex
LED On
LED On
LED On
10Mbps, Half Duplex
LED On
LED Off
LED Off
10Mbps, Full Duplex
LED On
LED Off
LED On
RMII mode: Activity
Blinks on Transmit/Receive Activity
X
X
LED Display Configuration
Notes:
1. N = PHY port number (0...3)
2. X = don’t care
LEDXXX/XXX
Configure LOW with an
Active-HIGH LED
1 - 4.7 k
Ω
LEDXXX/XXX
Configure HIGH with an
Active-LOW LED
V
RL
RL
DD
1 - 4.7 k
Ω
22236G-10
Note: LEDXXX/XXX = any LED pin.
Figure 8. LED Port Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com