Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 20Page - Advanced Micro Devices AM79C875KC Datasheet HTML 21Page - Advanced Micro Devices AM79C875KC Datasheet HTML 22Page - Advanced Micro Devices AM79C875KC Datasheet HTML 23Page - Advanced Micro Devices AM79C875KC Datasheet HTML 24Page - Advanced Micro Devices AM79C875KC Datasheet HTML 25Page - Advanced Micro Devices AM79C875KC Datasheet HTML 26Page - Advanced Micro Devices AM79C875KC Datasheet HTML 27Page - Advanced Micro Devices AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Idle
Start
Opcode
(Read)
PHY Address
16h, Port 2
Register Address
MII Status, 1h
TA
Register Data
Idle
z
z
z
MDC
MDIO
(PHY)
MDIO
(STA)
z
z
0
1
1
0
1
0
1
1
0
0
0
0
0
1
0
0
1
1
0
0
00
010
0
0
0
0
1
0
z
z
Read Operation
Idle
Start
Opcode
(Write)
PHY Address
16h, Port 2
Register Address
MII Control, 0h
TA
Register Data
Idle
z
z
MDC
MDIO
(STA)
z
01
01
1
0
1
1
00
0
0
0
0
1
0
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
z
Write Operation
22236G-11
24
Am79C875
Figure 9. PHY Management Read and Write Operations
Bad Management Frame Handling
The management block of the device can recognize
management frames without preambles (preamble
suppression). However, if it receives a bad manage-
ment frame, it will go into a Bad Management Frame
state. It will stay in this state and will not respond to any
management frame without preambles until a frame
with a full 32-bit preamble is received, then it will return
to normal operation.
A bad management frame is a frame that does not
comply with the IEEE standard specification. It can be
one with less than 32-bit preamble, with illegal OP field,
etc. However, a frame with more than 32 preamble bits
is considered to be a good frame.
Table 5. NetPHY™ 4LP MII Management
Register Set
Register
Address (in
decimal)
Description
0
MII Management Control Register
1
MII Management Status Register
2
PHY Identifier 1 Register
3
PHY Identifier 2 Register
4
Auto-Negotiation Advertisement Register
5
Auto-Negotiation Link Partner Ability
Register
6
Auto-Negotiation Expansion Register
7
Next Page Advertisement Register
8-15
Reserved
16
Miscellaneous Features Register
17
Interrupt Control/Status Register
18
Diagnostic Register
19
Test Register
20
Miscellaneous Features 2
21
Receiver Error Counter
22
Reserved
23
Reserved
24
Mode Control Register
25-31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com