Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices AM79C875KC Datasheet HTML 30Page - Advanced Micro Devices AM79C875KC Datasheet HTML 31Page - Advanced Micro Devices AM79C875KC Datasheet HTML 32Page - Advanced Micro Devices AM79C875KC Datasheet HTML 33Page - Advanced Micro Devices AM79C875KC Datasheet HTML 34Page - Advanced Micro Devices AM79C875KC Datasheet HTML 35Page - Advanced Micro Devices AM79C875KC Datasheet HTML 36Page - Advanced Micro Devices AM79C875KC Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Am79C875
33
Receive Error Counter (Register 21)
Table 21. Receive Error Counter (Register 21)
Reg
Bit
Name
Description
Read/
Write
Default
21
15:0
RX_ER Counter
Count of Receive Error Events.
RW
0000 (hex)
Mode Control Register (Register 24)
Table 22. Mode Control Register (Register 24)
Reg
Bit
Name
Description
Read/
Write
Default
24
15
SDCM_SEL
Select Common Mode Voltage Setting for FX Signal Detect (SDI)
input signal.
1 = Select Internal Common Mode Setting.
0 = Select External Common Voltage Setting.
RW
0
24
14
Force 10BASE-T
Link Up
1 = Force link up at 10 Mbps without checking NLP. Auto-
Negotiation must be disabled and the data rate must be 10 Mbps.
0 = Normal Operation.
RW
0
24
13
Force
100BASE-TX
Link Up
1 = Force link up at 100 Mbps. Auto-Negotiation must be disabled
and the data rate must be 100 Mbps.
0 = Normal Operation.
RW
0
24
12
Jabber Disable
1 = Disable Jabber function in PHY.
0 = Enable Jabber function in PHY.
RW
0
24
11
Reserved
Write as 0, ignore when read.
RW
0
24
10
Activity LED
Configuration
1 = Activity only responds to receive operation.
0 = Activity responds to Receive and transmit.
In repeater mode, this bit will be ignored.
RW
1
24
9
Reserved
Write as 0, ignore when read.
RW
0
24
8
FEFI_Disable
Set this bit will disable FEFI generation and detection function. The
default value of this bit is 0 when the chip is working in FX mode.
Otherwise the default value is 1.
RW
Set by
FX_DIS and
ANEGA pins
24
7
Force FEFI
Transmit
This bit is set to force the transmit FEFI pattern.
RW
0
24
6
RX_ER_CNT Full This bit is set to one to indicate the Receive Error Counter is full.
RO/RC
0
24
5
Disable
RX_ER counter
1 = disable Receive Error Counter.
RW
0
24
4
DIS_WDT
1 = Disable the watchdog timer in the decipher.
RW
0
24
3
EN_RPBK
1 = Enable remote loopback, 0 = Disable remote loopback.
RW
0
24
2
EN_SCRM
0 = Disable data scrambling.
1 = Enable data scrambling.
When FX_DIS pin is asserted low or FX_SEL bit (Register 24.0) is
set to logic high, this bit will be overwritten as “1” automatically.
The default of this bit is set by power on read value of FX_DIS.
RW
Set by
SCRAM_EN
pin
24
1
Reserved
Write as 0, ignore when read.
RO
0
24
0
FX_SEL
Set this bit to logic 1 to select 100BASE-FX mode, set to logic 0 to
select 100BASE-TX.
RW
Set by
FX_DIS
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com