Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C875KC Datasheet HTML 1Page - Advanced Micro Devices AM79C875KC Datasheet HTML 2Page - Advanced Micro Devices AM79C875KC Datasheet HTML 3Page - Advanced Micro Devices AM79C875KC Datasheet HTML 4Page - Advanced Micro Devices AM79C875KC Datasheet HTML 5Page - Advanced Micro Devices AM79C875KC Datasheet HTML 6Page - Advanced Micro Devices AM79C875KC Datasheet HTML 7Page - Advanced Micro Devices AM79C875KC Datasheet HTML 8Page - Advanced Micro Devices AM79C875KC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Publication# 22236 Rev: H Amendment/0
Issue Date: February 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
DATA
SHEE T
Am79C875
NetPHY™ 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
DISTINCTIVE CHARACTERISTICS
■ Four 10/100BASE-TX Ethernet PHY transceivers
■ Supports RMII (Reduced MII) interface
■ 125 meter (m) MLT-3 and Baseline Wander
operation
■ Low power consumption
— 1.3 Watt (W) typical (1:1 magnetics)
— 1.2 W typical (1.25:1 magnetics)
■ Power management modes:
— Selectable 1:1 or 1.25:1 transmit transformer
— Unplugged - approximately 100 mW per port
— Power Down - approximately 3 mW per port
■ Single 3.3 V power supply with 5 V I/O tolerance
■ Patent-pending DC restoration technique
reduces baseline wander susceptibility
■ Full and half-duplex operation with full-featured
Auto-Negotiation function
■ Next Page register support
■ Automatic Polarity Detection during Auto-
Negotiation and 10BASE-T signal reception
■ Unique scramble seed per port reduces EMI in
switch and repeater applications
■ One port supports 100BASE-FX function
■ Supports Inter Packet Gap as low as 40 ns for
high throughput applications
■ No external filters or chokes required
■ Compliant with IEEE 802.3 standards for
100BASE-TX, 100BASE-FX, and 10BASE-T
■ Built-in loopback and test modes
■ Small 14 x 20 mm 100-pin PQR package
■ Small package allows side-by-side PHY layout
— Fits neatly behind quad magnetics
— Saves board space over larger 208 PQFP
packages
■ Support for Industrial Temperature
(-40°C to +85°C)
GENERAL DESCRIPTION
The NetPHY™ 4LP device is a highly integrated, low
power 10BASE-T/100BASE-TX/FX Quad Ethernet
transceiver. The NetPHY™ 4LP device includes
integrated RMII, ENDECs, Scrambler/Descrambler,
and full-featured Auto-Negotiation with support for Par-
allel Detection and Next Page. Port 3 can be config-
ured as a 100BASE-FX transmitter to output an NRZI
PECL level signal. Each receiver has an adaptive
equalizer/DC restoration circuit for accurate clock/data
recovery on the 100BASE-TX signal at different cable
lengths and can perform to 125 m and beyond.
The NetPHY™ 4LP device operates on a 3.3 V supply
and offers 5 V I/O tolerance for mixed signal designs.
Power consumption is 1.3 W typical for the device, or
0.3 W per port using 1:1 magnetics. The NetPHY™
4LP device can use 1.25:1 magnetics, which de-
creases transmit power consumption and reduces de-
vice power consumption to 1.2 W typical.
The NetPHY™ 4LP device offers an optimized pinout
for network applications. RMII pins can be routed di-
rectly to the MAC and TX/RX media pins are routed di-
rectly to the magnetics. Direct routing of high speed
traces is imperative for project system design and EMI
noise
reduction.
The NetPHY™ 4LP device’s on-chip input filtering and
output waveshaping eliminates the need of external hy-
brid filters for media connection. Integrated LED logic
allows three LEDs per port to be driven directly. These
features greatly simplify the design of a 100BASE-X re-
peater/switch board, thus requiring minimum external
components.
For ease of system and chip setup and testing, the Net-
PHY™ 4LP device offers loopback and various ad-
vanced testing and monitoring capabilities.
The NetPHY™ 4LP device is available in the Commer-
cial (0°C to 70°C) or Industrial (-40°C to +85°C) tem-
perature ranges. The Industrial temperature range is
well suited to environment such as enclosures with re-
stricted air flow or outdoor equipment.


Similar Part No. - AM79C875KC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
AM79C874VC AMD-AM79C874VC Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
AM79C874VI AMD-AM79C874VI Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
More results

Similar Description - AM79C875KC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
Advanced Micro Devices
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
10/100 BASE TX/FX HEX TRANSCEIVER
logo
Advanced Micro Devices
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com