Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 10Page - Advanced Micro Devices AM79C875KC Datasheet HTML 11Page - Advanced Micro Devices AM79C875KC Datasheet HTML 12Page - Advanced Micro Devices AM79C875KC Datasheet HTML 13Page - Advanced Micro Devices AM79C875KC Datasheet HTML 14Page - Advanced Micro Devices AM79C875KC Datasheet HTML 15Page - Advanced Micro Devices AM79C875KC Datasheet HTML 16Page - Advanced Micro Devices AM79C875KC Datasheet HTML 17Page - Advanced Micro Devices AM79C875KC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
0
0
0
0
0
0
0
0
0
0
0
0
1
A
C
D
E
F
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
A
B
C
D
E
F
0
0
/J/
/K/
Preamble
SFD
Data
REF_CLK
CRS_DV
RXD[1]
RXD[0]
B
22236G-3
14
Am79C875
Note: CRS_DV may toggle at 25 MHz starting on a nibble boundary if bits accumulate due to the difference be-
tween CRS and RX_DV. The example waveform shows a single nibble accumulated in the FIFO.
Figure 1. 100 Mbps Reception with No Errors
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
REF_CLK
CRS_DV
RXD[1]
RXD[0]
False Carrier detected
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
0
0
0
22236G-4
Figure 2. 100 Mbps Reception with False Carrier
RXD[1:0]
Receive Data [1:0]
RXD[1:0] transitions synchronously to REF_CLK.
Upon assertion of CRS_DV, the PHY will ensure that
RXD[1:0] = 00 until proper receive decoding takes
place. Then for each clock period in which CRS_DV is
asserted, RXD[1:0] transfers two bits of recovered data
from the PHY.
RXD[1:0] in 100 Mbps Mode
For normal reception following assertion of CRS_DV,
RXD[1:0] is “00” until the receiver has determined that
the receive event has a proper Start of Stream Delim-
iter (SSD), which is a /J/K/ pair. Thereafter, preamble
will appear (RXD[1:0] = 01). Data capture by MACs
occur following detection of SFD.
If False Carrier is detected (an event starting with any-
thing other than /J/K/), then RXD[1:0] is”10” until the
end of the receive event. This is a unique pattern since
False Carrier can only occur at the beginning of a
packet where a preamble will be decoded (i.e.,
RXD[1:0]=01).
RXD[1:0] in 10 Mbps Mode
Following assertion of CRS_DV, RXD[1:0] shall be “00”
until the 10BASE-T PHY has recovered clock and is
able to decode the receive data. Once valid receive
data is available from the 10BASE-T PHY, RXD[1:0]
takes on the recovered data values (i.e., starting with
“01” for preamble).
At a REF_CLK frequency of 50 MHz, the value on
RXD[1:0] is valid such that RXD[1:0] may be sampled
every tenth cycle, regardless of the starting cycle within
the group and yield the correct frame data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com