Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 27Page - Advanced Micro Devices AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices AM79C875KC Datasheet HTML 30Page - Advanced Micro Devices AM79C875KC Datasheet HTML 31Page - Advanced Micro Devices AM79C875KC Datasheet HTML 32Page - Advanced Micro Devices AM79C875KC Datasheet HTML 33Page - Advanced Micro Devices AM79C875KC Datasheet HTML 34Page - Advanced Micro Devices AM79C875KC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Am79C875
31
Miscellaneous Features Register (Register 16)
Table 16. Miscellaneous Features Register (Register 16)
Reg
Bit
Name
Description
Read/
Write
Default
16
15
Reserved
Write as 0; 1 = factory use only.
RW
0
16
14
INTR_LEVL
1 = INT is forced to 1 to signal an interrupt.
0 = INT is forced to 0 to signal an interrupt.
RW
0
16
13
TXJAM
1 = Force CIM to send jam pattern.
0 = Normal operation mode.
RO
0
16
12:4
Reserved
Write as 0, ignore when read.
RW
00000
16
3:0
Reserved
Ignore when read.
RO
0
Interrupt Control/Status Register (Register 17)
Table 17.
Reg
Bit
Name
Description
Read/
Write
Default
17
15
Jabber_IE
Jabber Interrupt Enable.
RW
0
17
14
Rx_Er_IE
Receive Error Interrupt Enable.
RW
0
17
13
Page_Rx_IE
Page Received Interrupt Enable.
RW
0
17
12
PD_Fault_IE
Parallel Detection Fault Interrupt Enable.
RW
0
17
11
LP_Ack_IE
Link Partner Acknowledge Interrupt Enable.
RW
0
17
10
Link_Not_OK_ IE Link Status Not OK Interrupt Enable.
RW
0
17
9
R_Fault_IE
Remote Fault Interrupt Enable.
RW
0
17
8
ANeg_Comp_IE
Auto-Negotiation Complete Interrupt Enable.
RW
0
17
7
Jabber_Int
This bit is set when a jabber event is detected.
RC
0
17
6
Rx_Er_Int
This bit is set when RX_ER transitions high.
RC
0
17
5
Page_Rx_Int
This bit is set when a new page is received from link partner during
Auto-Negotiation.
RC
0
17
4
PD_Fault_Int
This bit is set when parallel detect fault is detected.
RC
0
17
3
LP_Ack_Int
This bit is set when the FLP with acknowledge bit set is received.
RC
0
17
2
Link_Not_OK Int
This bit is set when link status switches from OK status to Non-OK
status (Fail or Ready).
RC
0
17
1
R_Fault_Int
This bit is set when remote fault is detected.
RC
0
17
0
A_Neg_Comp Int
This bit is set when Auto-Negotiation is complete.
RC
0
Interrupt Control/Status Register (Register 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com