Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 24Page - Advanced Micro Devices AM79C875KC Datasheet HTML 25Page - Advanced Micro Devices AM79C875KC Datasheet HTML 26Page - Advanced Micro Devices AM79C875KC Datasheet HTML 27Page - Advanced Micro Devices AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices AM79C875KC Datasheet HTML 30Page - Advanced Micro Devices AM79C875KC Datasheet HTML 31Page - Advanced Micro Devices AM79C875KC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Am79C875
PHY Identifier 1 Register (Register 2)
Table 9.
Reg
Bit
Name
Description
Read/
Write
Default
2
15:0
OUI
Composed of the 3rd through 18th bits of the Organizationally
Unique Identifier (OUI), respectively.
RO
0022(H)
PHY Identifier 1 Register (Register 2)
PHY Identifier 2 Register (Register 3)
Table 10.
Reg
Bit
Name
Description
Read/
Write
Default
3
15:10
OUI
Assigned to the 19th through 24th bits of the OUI.
RO
010101
3
9:4
Model Number
Six bit manufacturer’s model number.
RO
010100
3
3:0
Revision Number
Four bit manufacturer’s revision number. 0001 stands for
Rev. A, etc.
RO
0001
PHY Identifier 2 Register (Register 3)
Auto-Negotiation Advertisement Register (Register 4)
Table 11.
Reg
Bit
Name
Description
Read/
Write
Default
4
15
Next Page
1 = Next Page enabled.
0 = Next Page disabled.
RW
0
4
14
Acknowledge
This bit will be set internally after receiving 3 consecutive and
consistent FLP bursts.
RO
0
4
13
Remote Fault
1 = Remote fault supported.
0 = No remote fault.
RW
0
4
12:11
Reserved
Write as 0, ignore when read.
RW
0
4
10
FDFC
Full Duplex Flow Control.
1 = Advertise that the DTE(MAC) has implemented both the
optional MAC control sublayer and the pause function as
specified in clause 31 and annex 31 B of 802.3u.
0 = No MAC-based full duplex flow control.
RW
0
4
9
100BASE-T4
The NetPHY™ 4LP device does not support 100BASE-T4
function, i.e., this bit ties to zero.
RO
0
4
8
100BASE-TX
Full Duplex
1 = 100BASE-TX with full duplex.
0 = No 100BASE-TX full duplex ability.
Default is set by Register 1.14.
RW
Set by
DPLX pin
4
7
100BASE-TX
Half Duplex
1 = 100BASE-TX with half duplex.
0 = No 100BASE-TX half duplex capability.
Default is set by Register 1.13.
RW
1
4
6
10BASE-T
Full Duplex
1 = 10 Mbps with full duplex.
0 = No 10Mbps full duplex capability.
Default is set by Register 1.12.
RW
Set by
DPLX pin
4
5
10BASE-T
Half Duplex
1 = 10 Mbps with half duplex.
0 = No 10 Mbps half duplex capability
Default is set by Register 1.11.
RW
1
4
4:0
Selector Field
[00001] = IEEE 802.3
RO
00001
Auto-Negotiation Advertisement Register (Register 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com