Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 31Page - Advanced Micro Devices AM79C875KC Datasheet HTML 32Page - Advanced Micro Devices AM79C875KC Datasheet HTML 33Page - Advanced Micro Devices AM79C875KC Datasheet HTML 34Page - Advanced Micro Devices AM79C875KC Datasheet HTML 35Page - Advanced Micro Devices AM79C875KC Datasheet HTML 36Page - Advanced Micro Devices AM79C875KC Datasheet HTML 37Page - Advanced Micro Devices AM79C875KC Datasheet HTML 38Page - Advanced Micro Devices AM79C875KC Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Am79C875
35
Power Supply Current Consumption
Symbol
Parameter
Description
Test Conditions
Minimum
Typical
Maximum
Units
IDD
Power Supply Current
for 10BASE-T
(Note 11)
VDD = maximum
-
260
(Note 13)
480
(Note 11,12)
mA
IDD
Power Supply Current
for 100BASE-TX/FX
(Note 11)
VDD = maximum
-
300
380
(Note 11)
mA
Notes:
1. Applies to FXR+, FXR-, SDI+, and SDI- inputs only. Valid only when Port 3 is in PECL mode. VDD is that of the fiber
transceiver.
2. Applies to RX± inputs when the corresponding port is in MLT-3 mode only. The RX± input is guaranteed to assert internal
signal detect for any valid peak-to-peak input signal greater than VSDA MAX. Tested within limits of VSDD and VSDA.
3. Applies to RX± inputs when the corresponding port is in MLT-3 mode only. The RX± input is guaranteed to de-assert internal
signal for any peak to peak signal less than VSDD MIN. Tested within limits of VSDD and VSDA.
4. Applies to FXT+ and FXT- outputs only. Valid only when Port 3 is in PECL mode. VDD is that of the fiber transceiver.
5. Applies to digital inputs and all bidirectional pins. RX± limits up to 1.0 mA max for IIL and -1.0 mA min for IIH. Pull-up/pull-down
resistors effect this value.
6. Applies to TX± differential outputs only. Valid only when the port is in the MLT-3 mode.
7. VTXR is the ratio of the magnitude of TX± in the positive direction to the magnitude of TX± in the negative direction.
8. Parameter not tested.
9. Only valid for TX output when the port is in the 10BASE-T mode.
10. IOZ applies to all high-impedance output pins. Pull-up/pull-down resistors effect this value.
11. Tested with all TX± output pins driving the rated load.
12. Assumes 80% Utilization with all ports at 10 Mbps, using 1:1 transformers.
13. Typical is 30% network utilization.
14. Assumes outputs are loaded, and all LEDs are used.
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Units
VTSQ
RX
± 10BASE-T Squelch
Threshold
Sinusoid 5 MHz<f<10 MHz
300
585
mV
VTHS
RX
± Post-Squelch Differential
Threshold 10BASE-T (Note 8)
Sinusoid 5 MHz<f<10 MHz
150
293
mV
VRXDTH
10BASE-T RX
± Differential
Switching Threshold (Note 8)
Sinusoid 5 MHz<f<10 MHz
-60
60
mV
VTX10NE
10BASE-T Near-End Peak
Differential Voltage (Note 9)
MLT-3/10BASE-T Test Load
2.2
2.8
V
IOZ
Output Leakage Current
(Note 10)
0.4 V < VOUT < VDD
-30
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com