Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 7Page - Advanced Micro Devices AM79C875KC Datasheet HTML 8Page - Advanced Micro Devices AM79C875KC Datasheet HTML 9Page - Advanced Micro Devices AM79C875KC Datasheet HTML 10Page - Advanced Micro Devices AM79C875KC Datasheet HTML 11Page - Advanced Micro Devices AM79C875KC Datasheet HTML 12Page - Advanced Micro Devices AM79C875KC Datasheet HTML 13Page - Advanced Micro Devices AM79C875KC Datasheet HTML 14Page - Advanced Micro Devices AM79C875KC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Am79C875
11
MDIO
Management Data I/O
Input/Output, Pull-Down
This pin is a bidirectional data interface used by the
MAC to access management register within the Net-
PHY™ 4LP device. This pin has an internal pull-down,
therefore, it requires an external pull-up resistor (1.5
K
Ω) as specified in IEEE-802.3 section 22.
MDC
Management Data Clock
Input, Pull-Down
This pin is the serial management clock which is used
to clock MDIO data to the MAC.
RST
Reset
Input, Pull-Up
An active low input will force the NetPHY™ 4LP device
to a known reset state. Reset also can be done through
the internal power-on-reset or MII Register 0, bit 15.
INTR
Interrupt
Tri-State
This pin is true whenever the NetPHY™ 4LP device
detects an event flagged as an interrupt. Events to be
flagged are programmed in Register 17. Interrupts are
cleared on Read. The polarity of INTR (active HIGH or
active LOW) is set by Register 16, bit 14. The default is
active LOW, which requires a 10 K
Ω pull-up resistor.
LED Port
Note: Consult the LED Port Configuration section for
appropriate pull-up and pull-down resistors.
LEDDPX[0]/FX_DIS
Port [0] Duplex LED
Input/Output, Pull-Up
Low LED indicates full-duplex and high indicates half-
duplex.
FX Mode: Pulled low at reset will put Port 3 in
100BASE-FX mode.
LEDACT_LINK[0]
Port [0] Transmit/Receive Activity LED
Output, Pull-Up
LED is output low for approximately 30 ms each time
there is activity. LINK is an active low signal. This signal
should have a 1k–4.7K
Ω pull-up resistor.
LEDSPD[0]/TP1_1
Port [0] Speed LED
Input/Output, Pull-Up
LED is output low when operating in 100BASE-X
modes and high when operating in 10BASE-T modes.
TP1_1: Pulled low at reset will select transmit trans-
former ratio to be 1.25:1. Default is 1:1 transformer.
LEDDPX[1]/PHYAD[4]
Port [1] Duplex LED
Input/Output, Pull-Up
LED low indicates full-duplex and high indicates half-
duplex.
PHY Address[4]. This is the first address bit received
in the management frame, and one of three MSBs for
MII management PHY address. The two LSBs, PHYAD
[1:0] are internally wired to four ports: PHYAD
[11]=Port3,..., PHYAD [00] = Port0. The PHYAD will
also determine the scramble seed, this will help to
reduce EMI when there are multiple ports switching at
the same time. To set this pin, use pull-up or pull-down
resistors in the range of 1 K
Ω to 4.7 KΩ.
LEDACT_LINK[1]/PHYAD[3]
Port [1] Transmit/Receive Activity LED
Input/Output, Pull-Up
LED is output low for approximately 30 ms each time
there is activity. LINK is an active low signal.
PHY Address[3]. This is the second MSB and one of
three MSB’s for MII management PHY address. To set
this pin, use pull-up or pull-down resistors in the range
of 1 K
Ω to 4.7 KΩ.
LEDSPD[1]/PHYAD[2]
Port [1] Speed LED
Input/Output, Pull-Up
LED is output low when operating in 100BASE-X
modes and high when operating in 10BASE-T modes.
PHY Address[2]. This is the third MSB and one of
three MSB’s for MII management PHY address. To set
this pin, use pull-up or pull-down resistors in the range
of 1 K
Ω to 4.7 KΩ.
LEDDPX[2]/DPLX
Port [2] Duplex LED
Input/Output, Pull-Up
LED low indicates full-duplex and high indicates half-
duplex.
DPLX: Full Duplex Mode Enable. This pin is logically
OR’ed with a full-duplex enable MII control bit to gener-
ate an internal full-duplex enable signal. When as-
serted high, the NetPHY™ 4LP device operates in full-
duplex mode as determined through Auto-Negotiation
or software setting. When asserted low, the internal
control bit (Register 0, bit 8) will determine the full-du-
plex operating mode.
LEDACT_LINK[2]
Port [2] Transmit/Receive Activity LED
Output, Pull-Up
LED is output low for approximately 30 ms each time
there is activity. LINK is an active low signal. This signal
should have a 1k–4.7K
Ω pull-up.
LEDSPD[2]/FORCE100
Port [2] Speed LED
Input/Output, Pull-Up
LED is output low when operating in 100BASE-X
modes and high when operating in 10BASE-T modes.
FORCE100: Force 100BASE-X Operation. When this
signal is pulled high and ANEGA is low at reset, all
ports will be forced to 100BASE-TX operation. When
asserted low and ANEGA is low, all ports are forced to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com