Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices AM79C875KC Datasheet HTML 30Page - Advanced Micro Devices AM79C875KC Datasheet HTML 31Page - Advanced Micro Devices AM79C875KC Datasheet HTML 32Page - Advanced Micro Devices AM79C875KC Datasheet HTML 33Page - Advanced Micro Devices AM79C875KC Datasheet HTML 34Page - Advanced Micro Devices AM79C875KC Datasheet HTML 35Page - Advanced Micro Devices AM79C875KC Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
Am79C875
Diagnostic Register (Register 18)
Table 18.
Reg
Bit
Name
Description
Read/
Write
Default
18
15:12
Reserved
Ignore when read.
RO
0
18
11
DPLX
This bit indicates the result of the Auto-Negotiation for duplex
arbitration.
1 = Full Duplex.
0 = Half Duplex.
RO
0
18
10
Speed
This bit indicates the result of the Auto-Negotiation for data speed
arbitration.
1 = 100 Mbps.
0 = 10 Mbps.
RO
0
18
9
RX_PASS
In 10BASE-T mode, a 1 indicates that Manchester data has been
detected.
In 100BASE-TX mode, a 1 indicates a valid signal has been
received but not necessarily locked onto.
RO
0
18
8
RX_LOCK
1 = Received RLL has locked onto the received signal for selected
data-rate (10BASE-T or 100BASE-TX)
0 = Receive PLL has not locked onto received signal.
This bit remains set until read.
RO/RC
0
18
7:0
Reserved
Ignore when read.
RO
0x22
Diagnostic Register (Register 18)
Test Register (Register 19)
Table 19.
Reg
Bit
Name
Description
Read/
Write
Default
19
15:12
Reserved
Ignore when read, write as Default (0x1000).
RW
0x1000
19
11:8
Reserved
Ignore when read, write as Default (0x0010).
RW
0x0010
19
7
Reserved
Ignore when read, write as 0.
RW
0
19
6
1.25:1
Selects transformer ratio.
1 = 1.25:1
0 = 1:1
The default value is controlled by the TP1_1 pin.
RW
0
19
5
10/100 Mbps
Transmit
Compliance Test
This bit controls internal logic, including power-saving circuitry. For 10
and 100 Mbps transmit compliance testing ONLY, this bit must be
turned off, but should be turned on for normal operation. The default
is 1 (on).
1 = Normal operation.
0 = Compliance test mode.
RW
1
19
4:0
Reserved
Ignore when read, write as 0.
RW
0
Test Register (Register 19)
Miscellaneous Features 2 Register (Register 20)
Table 20.
Reg
Bit
Name
Description
Read/
Write
Default
20
15:12
Reserved
Ignore when read, write as Default (0x0110).
RW
0x0110
20
11:8
Reserved
Ignore when read, write as Default (0x1001).
RW
0x1001
20
7:4
Cable length
indicator
These bits are the cable length indicators. Increment from 0000 to
1111, or approximately every 10 meters. The equivalent is 0 to 32dB
with an increment of 2dB @ 100Mhz. The value is read back from the
equalizer, and the measured value is not absolute.
RO
0
20
3:0
Reserved
Ignore when read.
RO
0x0010
Miscellaneous Features 2 Register (Register 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com