Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 22Page - Advanced Micro Devices AM79C875KC Datasheet HTML 23Page - Advanced Micro Devices AM79C875KC Datasheet HTML 24Page - Advanced Micro Devices AM79C875KC Datasheet HTML 25Page - Advanced Micro Devices AM79C875KC Datasheet HTML 26Page - Advanced Micro Devices AM79C875KC Datasheet HTML 27Page - Advanced Micro Devices AM79C875KC Datasheet HTML 28Page - Advanced Micro Devices AM79C875KC Datasheet HTML 29Page - Advanced Micro Devices AM79C875KC Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
Am79C875
MII Management Control Register (Register 0)
Table 7.
Reg
Bit
Name
Description
Read/
Write
Default
0
15
Reset
1 = PHY reset.
0 = Normal operation.
This bit is self-clearing.
RW/SC
0
0
14
Loopback
1 = Enable loopback mode. This will loopback TXD to RXD,
thus it will ignore all the activity on the cable media.
0 = Disable loopback mode. Normal operation.
RW
0
0
13
Speed Select
1 = 100 Mbps.
0 = 10 Mbps.
RW
Set by
FORCE100
pin
0
12
Auto-Neg Enable
1 = Enable Auto-Negotiation process (overrides 0.13 and 0.8).
0 = Disable Auto-Negotiation process.
RW
Set by
ANEGA pin
0
11
Power Down
1 = Power down. The NetPHY™ 4LP device will shut off all
blocks except for MDIO/MDC interface.
0 = Normal operation.
RW
0
0
10
Isolate
1 = Electrically isolate the PHY from MII. However, PHY is still
able to respond to MDC/MDIO.
0 = Normal operation.
RW
0
0
9
Restart
Auto-Negotiation
1 = Restart Auto-Negotiation process.
0 = Normal operation.
RW/SC
0
0
8
Duplex Mode
1 = Full duplex.
0 = Half duplex.
Auto-Negotiation enabled: This bit is writable but will be
ignored.
Auto-Negotiation disabled: This pin is reset read value of
DPLX.
RW
Set by
DPLX pin
0
7
Collision Test
1 = Enable collision test, which issues the COL signal in
response to the assertion of TX_EN signal. Collision test is
enabled regardless of the duplex mode.
0 = disable COL test.
RW
0
0
6:0
Reserved
Write as 0, ignore on read.
RW
0
MII Management Control Register (Register 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com