Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 13Page - Advanced Micro Devices AM79C875KC Datasheet HTML 14Page - Advanced Micro Devices AM79C875KC Datasheet HTML 15Page - Advanced Micro Devices AM79C875KC Datasheet HTML 16Page - Advanced Micro Devices AM79C875KC Datasheet HTML 17Page - Advanced Micro Devices AM79C875KC Datasheet HTML 18Page - Advanced Micro Devices AM79C875KC Datasheet HTML 19Page - Advanced Micro Devices AM79C875KC Datasheet HTML 20Page - Advanced Micro Devices AM79C875KC Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Am79C875
17
Table 1. Code-Group Mapping
MII (TXD[3:0])
Name
PCS Code-Group
Interpretation
0 0 0 0
0
1 1 1 1 0
Data 0
0 0 0 1
1
0 1 0 0 1
Data 1
0 0 1 0
2
1 0 1 0 0
Data 2
0 0 1 1
3
1 0 1 0 1
Data 3
0 1 0 0
4
0 1 0 1 0
Data 4
0 1 0 1
5
0 1 0 1 1
Data 5
0 1 10
6
0 1 1 1 0
Data 6
0 1 1 1
7
0 1 1 1 1
Data 7
1 0 0 0
8
1 0 0 1 0
Data 8
1 0 0 1
9
1 0 0 1 1
Data 9
1 0 1 0
A
1 0 1 1 0
Data A
1 0 1 1
B
1 0 1 1 1
Data B
1 1 0 0
C
1 1 0 1 0
Data C
1 1 0 1
D
1 1 0 1 1
Data D
1 1 1 0
E
1 1 1 0 0
Data E
1 1 1 1
F
1 1 1 0 1
Data F
Undefined
I
1 1 1 1 1
IDLE; used as inter-Stream fill code
0 1 0 1
J
1 1 0 0 0
Start-of-Stream Delimiter, Part 1 of 2; always used
in pairs with K
0 1 0 1
K
1 0 0 0 1
Start-of-Stream Delimiter, Part 2 of 2; always used
in pairs with J
Undefined
T
0 1 1 0 1
End-of-Stream Delimiter, Part 1 of 2; always used in
pairs with R
Undefined
R
0 0 1 1 1
End-of-Stream Delimiter, Part 2 of 2; always used in
pairs with T
Undefined
H
0 0 1 0 0
Transmit Error; used to force signaling errors
Undefined
V
0 0 0 0 0
Invalid Code
Undefined
V
0 0 0 0 1
Invalid Code
Undefined
V
0 0 0 1 0
Invalid Code
Undefined
V
0 0 0 1 1
Invalid Code
Undefined
V
0 0 1 0 1
Invalid Code
Undefined
V
0 0 1 1 0
Invalid Code
Undefined
V
0 1 0 0 0
Invalid Code
Undefined
V
0 1 1 0 0
Invalid Code
Undefined
V
1 0 0 0 0
Invalid Code
Undefined
V
1 1 0 0 1
Invalid Code
In 100BASE-FX mode, the external fiber-optic receiver
performs the signal energy detection function and com-
municates this information directly to the NetPHY™
4LP device through SDI± pins.
In 10BASE-T mode, a link-pulse detection circuit will
constantly monitor the RX± pins for the presence of
valid link pulses.
10BASE-T Block
The NetPHY™ 4LP transceiver incorporates four fully
independent 10BASE-T physical layer functions, in-
cluding clock recovery (ENDEC), MAUs, and trans-
ceiver functions. The NetPHY™ 4LP transceiver
receives 10-Mbps data from the MAC, switch, or re-
peater across the RMII at 5 million di-bits per second.
It then Manchester encodes the data before transmis-
sion to the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com