Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C875KC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 4Page - Advanced Micro Devices AM79C875KC Datasheet HTML 5Page - Advanced Micro Devices AM79C875KC Datasheet HTML 6Page - Advanced Micro Devices AM79C875KC Datasheet HTML 7Page - Advanced Micro Devices AM79C875KC Datasheet HTML 8Page - Advanced Micro Devices AM79C875KC Datasheet HTML 9Page - Advanced Micro Devices AM79C875KC Datasheet HTML 10Page - Advanced Micro Devices AM79C875KC Datasheet HTML 11Page - Advanced Micro Devices AM79C875KC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Am79C875
LIST OF FIGURES
Figure 1.
100 Mbps Reception with No Errors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Figure 2.
100 Mbps Reception with False Carrier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Figure 3.
100 Mbps Transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Figure 4.
Bit Ordering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Figure 5.
10BASE-T Transmit/Receive Data Paths . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Figure 6.
MLT-3 Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Figure 7.
TX± and RX± Termination for 100BASE-TX and 10BASE-T . . . . . . . . . . . . . . . . . .20
Figure 8.
LED Port Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Figure 9.
PHY Management Read and Write Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Figure 10. MLT-3 Receive Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
Figure 11. MLT-3 and 10BASE-T Test Load with 1:1 Transformer Ratio . . . . . . . . . . . . . . . . . .37
Figure 12. MLT-3 and 10BASE-T Test Load with 1.25:1 Transformer Ratio . . . . . . . . . . . . . . .37
Figure 13. Near-End 100BASE-TX Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Figure 14. Near-End 10BASE-T Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Figure 15. Recommended PECL Test Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Figure 16. Clock Signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Figure 17. MLT-3 Test Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Figure 18. Management Bus Transmit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Figure 19. Management Bus Receive Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Figure 20. RMII 100 Mbps Transmit Start of Packet . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Figure 21. RMII 100 Mbps Transmit End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Figure 22. 100 Mbps RMII Receive Start of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
Figure 23. 100 Mbps RMII Receive End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
Figure 24. RMII 10 Mbps Transmit Start of Packet . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Figure 25. RMII 10 Mbps Transmit End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Figure 26. 10 Mbps RMII Receive Start of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44
Figure 27. 10 Mbps RMII Receive End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44
LIST OF TABLES
Table 1.
Code-Group Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 2.
LED Display Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 3.
Clause 22 Management Frame Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 4.
PHY Address Setting Frame Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 5.
NetPHY™ 4LP MII Management Register Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 6.
Legend for Register Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 7.
MII Management Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 8.
MII Management Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 9.
PHY Identifier 1 Register (Register 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 10.
PHY Identifier 2 Register (Register 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 11.
Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . . . . . . . . . . . . . . . .28
Table 12.
Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) . .29
Table 13.
Auto-Negotiation LInk Partner Ability Register in Next Page Format (Register 5) . .29
Table 14.
Auto-Negotiation Expansion Register (Register 6) . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 15.
Auto-Negotiation Next page Advertisement Register (Register 7) . . . . . . . . . . . . . .30
Table 16.
Miscellaneous Features Register (Register 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Table 17.
Interrupt Control/Status Register (Register 17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Table 18.
Diagnostic Register (Register 18) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 19.
Test Register (Register 19) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 20.
Miscellaneous Features 2 Register (Register 20) . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 21.
Receive Error Counter (Register 21) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Table 22.
Mode Control Register (Register 24) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com